Electronic Components Datasheet Search
  English  ▼

X  

LM8M64 Datasheet(PDF) 8 Page - Sharp Corporation

Part # LM8M64
Description  Color STN LCD Module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM8M64 Datasheet(HTML) 8 Page - Sharp Corporation

Back Button LM8M64 Datasheet HTML 4Page - Sharp Corporation LM8M64 Datasheet HTML 5Page - Sharp Corporation LM8M64 Datasheet HTML 6Page - Sharp Corporation LM8M64 Datasheet HTML 7Page - Sharp Corporation LM8M64 Datasheet HTML 8Page - Sharp Corporation LM8M64 Datasheet HTML 9Page - Sharp Corporation LM8M64 Datasheet HTML 10Page - Sharp Corporation LM8M64 Datasheet HTML 11Page - Sharp Corporation LM8M64 Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
SPEC No.
LC9
LC9
LC9
LC98109A
8109A
8109A
8109A
MODEL No.
LM
LM
LM
LM8M64
8M64
8M64
8M64
PAGE
4444
○
Contents
Page
1.Application
5
2.Construction and Outline
3.Mechanical Specifications
6
4.Absolute Maximum Ratings
4-1.Electrical absolute maximum ratings
4-2.Enviroment Conditions
7
5.Electrical Specifications
8
5-1.Electrical characteristics
5-2.Interface signals
10
5-3.Connectors
・
Dot chart of display area
11
・Data input timing chart
12
・
Interface timing chart
13
・
Interface timing ratings
14
6.Module Driving Method
15
6-1.Circuit configuration
6-2.Display face configuration
6-3.Input data and control signal
7.Optical Characteristics
17
・
Definition of Viewing Angle
・
Optical Characteristics Test Method Ⅰ
18
・
Definition of Vmax
・
Optical Characteristics Test Method Ⅱ
19
・
Definition of Response time
20
・
Circuit block diagram
21
8.Characteristics of Backlight
22
8-1.Rating
8-2.Measurement circuit
8-3.Measurement equipment
8-4.Measurement conditions
8-5.Used lamp
9.Lot Number
23
10.Supply voltage sequence condition
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com