Electronic Components Datasheet Search
  English  ▼

X  

LM8M64 Datasheet(PDF) 11 Page - Sharp Corporation

Part # LM8M64
Description  Color STN LCD Module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM8M64 Datasheet(HTML) 11 Page - Sharp Corporation

Back Button LM8M64 Datasheet HTML 7Page - Sharp Corporation LM8M64 Datasheet HTML 8Page - Sharp Corporation LM8M64 Datasheet HTML 9Page - Sharp Corporation LM8M64 Datasheet HTML 10Page - Sharp Corporation LM8M64 Datasheet HTML 11Page - Sharp Corporation LM8M64 Datasheet HTML 12Page - Sharp Corporation LM8M64 Datasheet HTML 13Page - Sharp Corporation LM8M64 Datasheet HTML 14Page - Sharp Corporation LM8M64 Datasheet HTML 15Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
SPEC No.
LC9
LC9
LC9
LC98109A
8109A
8109A
8109A
MODEL No.
LM
LM
LM
LM8M64
8M64
8M64
8M64
PAGE
7777
4-2.Environment Conditions
Table 3
Tstg
Topr
Item
MIN.
MAX.
MIN.
MAX.
Remark
Ambient temperature
-25 ℃
+60 ℃
0 ℃
+40℃
Note 4)
Humidity
Note 1)
Note 1)
No condensation
Vibration
Note 2)
Note 2)
3 directions(X/Y/Z)
Shock
Note 3)
Note 3)
6 directions(±X±Y±Z)
Note 1) Ta≦40 ℃.......95 % RH Max.
Ta>40 ℃.......Absolute humidity shall be less than Ta=40 ℃/95 % RH.
Note 2)
Table 4
Frequency
10 Hz~57 Hz
57 Hz~500 Hz
Vibration level
-
9.8 m/s2
Vibration width
0.075 mm
-
Interval
10 Hz~500 Hz~10 Hz/11.0 min
2 hours for each direction of X/Y/Z (6 hours as total)
Note 3) Acceleration : 490 m/s2
Pulse width
: 11 ms
3 times for each directions of ±X/±Y/±Z
Note 4) Care should be taken so that the LCD module may not be subjected to the temperature out of this
specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com