Electronic Components Datasheet Search
  English  ▼

X  

LM8M64 Datasheet(PDF) 22 Page - Sharp Corporation

Part # LM8M64
Description  Color STN LCD Module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM8M64 Datasheet(HTML) 22 Page - Sharp Corporation

Back Button LM8M64 Datasheet HTML 18Page - Sharp Corporation LM8M64 Datasheet HTML 19Page - Sharp Corporation LM8M64 Datasheet HTML 20Page - Sharp Corporation LM8M64 Datasheet HTML 21Page - Sharp Corporation LM8M64 Datasheet HTML 22Page - Sharp Corporation LM8M64 Datasheet HTML 23Page - Sharp Corporation LM8M64 Datasheet HTML 24Page - Sharp Corporation LM8M64 Datasheet HTML 25Page - Sharp Corporation LM8M64 Datasheet HTML 26Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
SPEC No.
LC9
LC9
LC9
LC98109A
8109A
8109A
8109A
MODEL No.
LM
LM
LM
LM8M64
8M64
8M64
8M64
PAGE
18
18
18
18
Measuring Spot Size : φ10 mm
θ
x : Angle from “normal” to viewing surface rotated about the horizontal axis.
θ
y : Angle from “normal” to viewing surface rotated about the vertical axis.
Fig.8 Optical Characteristics Test Method Ⅰ
Fig.9 Definition of Vmax
+θy
+θy
-θx
-θx
normal
-θy
+θx
TOPCON BM-7
Measuring
Field: 2 ゚
Comax.
Vmax.
Vcon-Vss (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com