Electronic Components Datasheet Search
  English  ▼

X  

LM8M64 Datasheet(PDF) 14 Page - Sharp Corporation

Part # LM8M64
Description  Color STN LCD Module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM8M64 Datasheet(HTML) 14 Page - Sharp Corporation

Back Button LM8M64 Datasheet HTML 10Page - Sharp Corporation LM8M64 Datasheet HTML 11Page - Sharp Corporation LM8M64 Datasheet HTML 12Page - Sharp Corporation LM8M64 Datasheet HTML 13Page - Sharp Corporation LM8M64 Datasheet HTML 14Page - Sharp Corporation LM8M64 Datasheet HTML 15Page - Sharp Corporation LM8M64 Datasheet HTML 16Page - Sharp Corporation LM8M64 Datasheet HTML 17Page - Sharp Corporation LM8M64 Datasheet HTML 18Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
SPEC No.
LC9
LC9
LC9
LC98109A
8109A
8109A
8109A
MODEL No.
LM
LM
LM
LM8M64
8M64
8M64
8M64
PAGE
10
10
10
10
5-2.Interface signals
○
LCD
Table 6
Pin No.
Symbol
Description
Level
1
YD
Scan start-up signal
“H”
2
VSS
Ground potential
-
3
LP
Input data latch signal
“H” → ”L”
4
VSS
Ground potential
-
5
XCK
Shift clock for input data
“H” → ”L”
6
VSS
Ground potential
-
7
DISP
Display control signal
H(ON), L(OFF)
8
VDD
Power supply for logic(3.3v)
-
9
Vcon
Contrast adjustment voltage
-
10
VSS
Ground potential
-
11
D0
Display data signal
H(ON), L(OFF)
12
D1
Display data signal
H(ON), L(OFF)
13
D2
Display data signal
H(ON), L(OFF)
14
D3
Display data signal
H(ON), L(OFF)
15
VSS
Ground potential
-
16
D4
Display data signal
H(ON), L(OFF)
17
D5
Display data signal
H(ON), L(OFF)
18
D6
Display data signal
H(ON), L(OFF)
19
D7
Display data signal
H(ON), L(OFF)
20
VDD
Power supply for logic(3.3v)
-
○
CCFT
Table7
Pin No
Symbol
Description
Level
1
VL1(HV)
High voltage line (from Inverter)
-
2
NC
NC
-
3
VL2(GND)
Ground line (from Inverter)
-
5-3.Connectors
○
LCD
Used
connector : FH12-20S-0.5SH(HIROSE)
Correspondable connector : FFC-CONNECTOR(0.5mm pitch 20pin)
○
CCFT
Used connector
:HV-2S-C1(JAE)
Correspondable connector :HV-2P-HF-E1400(JAE)
Except above connector shall be out of guaranty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com