Electronic Components Datasheet Search
  English  ▼

X  

LM8M64 Datasheet(PDF) 18 Page - Sharp Corporation

Part # LM8M64
Description  Color STN LCD Module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM8M64 Datasheet(HTML) 18 Page - Sharp Corporation

Back Button LM8M64 Datasheet HTML 14Page - Sharp Corporation LM8M64 Datasheet HTML 15Page - Sharp Corporation LM8M64 Datasheet HTML 16Page - Sharp Corporation LM8M64 Datasheet HTML 17Page - Sharp Corporation LM8M64 Datasheet HTML 18Page - Sharp Corporation LM8M64 Datasheet HTML 19Page - Sharp Corporation LM8M64 Datasheet HTML 20Page - Sharp Corporation LM8M64 Datasheet HTML 21Page - Sharp Corporation LM8M64 Datasheet HTML 22Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
SPEC No.
LC9
LC9
LC9
LC98109A
8109A
8109A
8109A
MODEL No.
LM
LM
LM
LM8M64
8M64
8M64
8M64
PAGE
14
14
14
14
Table 8 Interface timing ratings
Ta=25 ℃,VDD=3.3 V±10 %
*1 When LCD module is operated by high speed of XCK(Shift clock), (tCK - tWCKH -tWCKL) /2 is maximum.
*2 LCD module functions at the minimum frame cycle of 8.33 ms(Maximum frame frequency of 120 Hz).
Owing to the characteristics of LCD module, “shadowing” will become more eminent as frame frequency
goes up, while flicker will be reduced.
*3 According to our experiments, frame cycle of 8.33 ms Min. or frame frequency of 120 Hz Max. will
demonstrate optimum display quality in terms of flicker and “shadowing”. But since judgment of display
quality is subjective and display quality such as “shadowing” is pattern dependent, it is recommended
that decision of frame frequency, to which power consumption of the LCD module is proportional, be made
based on your own through testing on the LCD module with every possible patterns displayed on it
※
The intervals of one LP fall and next must be always the same, and LPs must be input continuously.
The intervals must be 70μs Max.
Rating
Item
Symbol
MIN.
TYP.
MAX.
Unit
Frame cycle *2,*3
tFRM
8.33
16.94
ms
XCK signal clock cycle
tCK
82
ns
“H” level clock width
tWCKH
30
ns
“L” level clock width
tWCKL
30
ns
LP signal “H” level pulse width
tWLPH
350
ns
Data set up time
tDS
25
ns
hold time
tDH
30
ns
YD signal “H” level set up time
tHYS
125
ns
“H” level hold time
tHYH
125
ns
“L” level set up time
tLYS
100
ns
“L” level hold time
tLYH
100
ns
LP↑ allowance time from XCK↓
tLS
5
ns
LP↓ allowance time from XCK↑
tLH
0
ns
Input signal rise/fall time *1
tr,tf
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com