Electronic Components Datasheet Search
  English  ▼

X  

LM8M64 Datasheet(PDF) 28 Page - Sharp Corporation

Part # LM8M64
Description  Color STN LCD Module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LM8M64 Datasheet(HTML) 28 Page - Sharp Corporation

Back Button LM8M64 Datasheet HTML 22Page - Sharp Corporation LM8M64 Datasheet HTML 23Page - Sharp Corporation LM8M64 Datasheet HTML 24Page - Sharp Corporation LM8M64 Datasheet HTML 25Page - Sharp Corporation LM8M64 Datasheet HTML 26Page - Sharp Corporation LM8M64 Datasheet HTML 27Page - Sharp Corporation LM8M64 Datasheet HTML 28Page - Sharp Corporation LM8M64 Datasheet HTML 29Page - Sharp Corporation LM8M64 Datasheet HTML 30Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
SPEC No.
LC9
LC9
LC9
LC98109A
8109A
8109A
8109A
MODEL No.
LM
LM
LM
LM8M64
8M64
8M64
8M64
PAGE
24
24
24
24
10.
Supply voltage sequence condition
1500 ms MIN. (NOTE 1)
a
e
1s MIN
VDD
YD
LP
XCK
Interface timing active operation
DATA
M
c
f
(NOTE 2)
DISP
b
VDD
3 V
2 V
2 V
1.5V
“VSS”
d
g
Fig.15 Supply voltage sequence condition
(NOTE 1) Power ON/OFF cycle time. All signals and power line shall be in accordance with above sequence in
case of power ON/OFF.
(NOTE 2) Before DISP rise up, the signals of YD,LP,XCK,DATA and M must be input, and the above condition of
“a” must be satisfied. The signals which comply with the interface timing in Fig.5,Fig.6, and table 8,
must be input.
POWER ON
Symbol
Allowable value
a
0 ms MIN.
1 s MAX.
b
-
100 ns MAX.
c
50 ms MIN.
-
d
-
10 ms MAX.
POWER OFF
Symbol
Allowable value
e
0 ms MIN.
1 s MAX.
f
0 ms MIN.
1 s MAX.
g
15 ms MIN.
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com