Electronic Components Datasheet Search
  English  ▼

X  

DS3105 Datasheet(PDF) 75 Page - Maxim Integrated Products

Part # DS3105
Description  Line Card Timing IC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3105 Datasheet(HTML) 75 Page - Maxim Integrated Products

Back Button DS3105 Datasheet HTML 71Page - Maxim Integrated Products DS3105 Datasheet HTML 72Page - Maxim Integrated Products DS3105 Datasheet HTML 73Page - Maxim Integrated Products DS3105 Datasheet HTML 74Page - Maxim Integrated Products DS3105 Datasheet HTML 75Page - Maxim Integrated Products DS3105 Datasheet HTML 76Page - Maxim Integrated Products DS3105 Datasheet HTML 77Page - Maxim Integrated Products DS3105 Datasheet HTML 78Page - Maxim Integrated Products DS3105 Datasheet HTML 79Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 110 page
background image
Preliminary. Subject to Change Without Notice.
DS3105
Confidential. Document Issued Under Non-Disclosure Agreement. Confidential. Document Issued Under Non-Disclosure Agreement.
75 of 110
Register Name:
OCR2
Register Description:
Output Configuration Register 2
Register Address:
61h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
0
0
0
0
OFREQ3[3:0]
Default
0
0
0
0
see below
Bits 3 to 0: Output Frequency of OC3 (OFREQ3[3:0]).
This field specifies the frequency of output clock OC3.
The frequencies of the T0 APLL and T4 APLL are configured in the T0CR1 and T4CR1 registers. The Digital1 and
Digital2 frequencies are configured in the MCR7 register. See section 7.8.2.3. The default frequency is set by the
O3F[2:0] bits, see Table 7-18. The decode of this field is controlled by the value of the OCR5.AOF3 bit.
AOF3=0: (standard decodes)
0000 = Output disabled (i.e. low)
0001 = 2 kHz
0010 = 8 kHz
0011 = Digital2 (see Table 7-8)
0100 = Digital1 (see Table 7-7)
0101 = T0 APLL frequency divided by 48
0110 = T0 APLL frequency divided by 16
0111 = T0 APLL frequency divided by 12
1000 = T0 APLL frequency divided by 8
1001 = T0 APLL frequency divided by 6
1010 = T0 APLL frequency divided by 4
1011 = T4 APLL frequency divided by 64
1100 = T4 APLL frequency divided by 48
1101 = T4 APLL frequency divided by 16
1110 = T4 APLL frequency divided by 8
1111 = T4 APLL frequency divided by 4
AOF3=1: (alternate decodes)
0000 = Output disabled (i.e. low)
0001 = T0 APLL frequency divided by 64
0010 = T4 APLL frequency divided by 20
0011 = T4 APLL frequency divided by 12
0100 = T4 APLL frequency divided by 10
0101 = T4 APLL frequency divided by 5
0110 = T4 APLL frequency divided by 2
0111 = T4 selected reference (after dividing)
1000 to 1111 = undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com