Electronic Components Datasheet Search
  English  ▼

X  

DS3105 Datasheet(PDF) 45 Page - Maxim Integrated Products

Part # DS3105
Description  Line Card Timing IC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3105 Datasheet(HTML) 45 Page - Maxim Integrated Products

Back Button DS3105 Datasheet HTML 41Page - Maxim Integrated Products DS3105 Datasheet HTML 42Page - Maxim Integrated Products DS3105 Datasheet HTML 43Page - Maxim Integrated Products DS3105 Datasheet HTML 44Page - Maxim Integrated Products DS3105 Datasheet HTML 45Page - Maxim Integrated Products DS3105 Datasheet HTML 46Page - Maxim Integrated Products DS3105 Datasheet HTML 47Page - Maxim Integrated Products DS3105 Datasheet HTML 48Page - Maxim Integrated Products DS3105 Datasheet HTML 49Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 110 page
background image
Preliminary. Subject to Change Without Notice.
DS3105
Confidential. Document Issued Under Non-Disclosure Agreement. Confidential. Document Issued Under Non-Disclosure Agreement.
45 of 110
8.4
Register Definitions
Table 8-1. Register Map
Register names are hyperlinks to register definitions. Underlined fields are read-only.
Addr
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00h
ID1
ID[7:0]
01
ID2
ID[15:8]
02
REV
REV[7:0]
03
TEST1
PALARM
D180
--
RA
0
8KPOL
0
0
05
MSR1
--
--
IC6
IC5
IC4
IC3
--
--
06
MSR2
STATE
SRFAIL
--
--
--
--
--
IC9
07
FREQ3
--
--
--
--
--
FREQ[18:16]
08
MSR3
FSMON
T4LOCK
--
--
--
--
--
--
09
OPSTATE
FSMON
T4LOCK
T0SOFT
T4SOFT
--
T0STATE[2:0]
0A
PTAB1
REF1[3:0]
SELREF[3:0]
0B
PTAB2
REF3[3:0]
REF2[3:0]
0C
FREQ1
FREQ[7:0]
0D
FREQ2
FREQ[15:8]
0E
VALSR1
--
--
IC6
IC5
IC4
IC3
--
--
0F
VALSR2
--
--
--
--
--
--
--
IC9
11
ISR2
--
--
ACT4
LOCK4
--
--
ACT3
LOCK3
12
ISR3
--
--
ACT6
LOCK6
--
--
ACT5
LOCK5
14
ISR5
--
--
--
--
--
--
ACT9
LOCK9
17
MSR4
--
HORDY
MRAA
--
--
--
--
--
19
IPR2
PRI4[3:0]
PRI3[3:0]
1A
IPR3
PRI6[3:0]
PRI5[3:0]
1C
IPR5
--
PRI9[3:0]
22
ICR3
DIVN
LOCK8K
BUCKET[1:0]
FREQ[3:0]
23
ICR4
DIVN
LOCK8K
BUCKET[1:0]
FREQ[3:0]
24
ICR5
DIVN
LOCK8K
BUCKET[1:0]
FREQ[3:0]
25
ICR6
DIVN
LOCK8K
BUCKET[1:0]
FREQ[3:0]
28
ICR9
DIVN
LOCK8K
BUCKET[1:0]
FREQ[3:0]
30
VALCR1
--
--
IC6
IC5
IC4
IC3
--
--
31
VALCR2
--
--
--
--
--
--
--
IC9
32
MCR1
RST
--
FREN
LOCKPIN
--
T0STATE[2:0]
33
MCR2
--
--
--
--
T0FORCE[3:0]
34
MCR3
AEFSEN
LKATO
XOEDGE FRUNHO
EFSEN
SONSDH
--
REVERT
35
MCR4
--
--
--
--
T4FORCE[3:0]
36
MCR5
RSV4
RSV3
RSV2
RSV1
--
--
IC6SF
--
38
MCR6
DIG2AF
DIG2SS
DIG1SS
--
--
--
--
--
39
MCR7
DIG2F[1:0]
DIG1F[1:0]
--
--
--
--
3A
MCR8
--
--
--
--
--
OC6SF
3B
MCR9
AUTOBW
--
--
--
LIMINT
--
--
--
3C
MCLK1
MCLKFREQ[7:0]
3D
MCLK2
MCLKFREQ[15:8]
40
HOCR3
AVG
--
--
--
--
41
DLIMIT1
HARDLIM[7:0]
42
DLIMIT2
--
--
--
--
--
--
HARDLIM[9:8]
43
IER1
--
--
IC6
IC5
IC4
IC3
--
--
44
IER2
STATE
SRFAIL
--
--
--
--
--
IC9
45
IER3
FSMON
T4LOCK
--
--
--
--
--
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com