Electronic Components Datasheet Search
  English  ▼

X  

DS3105 Datasheet(PDF) 46 Page - Maxim Integrated Products

Part # DS3105
Description  Line Card Timing IC
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3105 Datasheet(HTML) 46 Page - Maxim Integrated Products

Back Button DS3105 Datasheet HTML 42Page - Maxim Integrated Products DS3105 Datasheet HTML 43Page - Maxim Integrated Products DS3105 Datasheet HTML 44Page - Maxim Integrated Products DS3105 Datasheet HTML 45Page - Maxim Integrated Products DS3105 Datasheet HTML 46Page - Maxim Integrated Products DS3105 Datasheet HTML 47Page - Maxim Integrated Products DS3105 Datasheet HTML 48Page - Maxim Integrated Products DS3105 Datasheet HTML 49Page - Maxim Integrated Products DS3105 Datasheet HTML 50Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 110 page
background image
Preliminary. Subject to Change Without Notice.
DS3105
Confidential. Document Issued Under Non-Disclosure Agreement. Confidential. Document Issued Under Non-Disclosure Agreement.
46 of 110
Addr
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
46
DIVN1
DIVN[7:0]
47
DIVN2
DIVN[15:0]
48
MCR10
--
SRFPIN
UFSW
EXTSW
PBOFRZ
PBOEN
--
--
4B
MCR11
--
--
--
T4T0
--
--
--
--
4D
DLIMIT3
FLLOL
SOFTLIM[6:0]
4E
IER4
--
HORDY
--
--
--
--
--
--
4F
OCR5
--
--
AOF6
--
--
AOF3
--
--
50
LB0U
LB0U[7:0]
51
LB0L
LB0L[7:0]
52
LB0S
LB0S[7:0]
53
LB0D
--
--
--
--
--
--
LB0D[1:0]
54
LB1U
LB1U[7:0]
55
LB1L
LB1L[7:0]
56
LB1S
LB1S[7:0]
57
LB1D
--
--
--
--
--
--
LB1D[1:0]
58
LB2U
LB2U[7:0]
59
LB2L
LB2L[7:0]
5A
LB2S
LB2S[7:0]
5B
LB2D
--
--
--
--
--
--
LB2D[1:0]
5C
LB3U
LB3U[7:0]
5D
LB3L
LB3L[7:0]
5E
LB3S
LB3S[7:0]
5F
LB3D
--
--
--
--
--
--
LB3D[1:0]
61
OCR2
--
--
--
--
OFREQ3[3:0]
62
OCR3
OFREQ6[3:0]
--
--
--
--
63
OCR4
MFSEN
FSEN
--
--
--
--
--
--
64
T4CR1
--
--
--
--
T4FREQ[3:0]
65
T0CR1
T4MT0
T4APT0
T0FT4[2:0]
T0FREQ[2:0]
66
T4BW
--
--
--
--
--
--
T4BW[1:0]
67
T0LBW
--
--
--
RSV1
RSV2
T0LBW[2:0]
69
T0ABW
--
--
--
RSV1
RSV2
T0ABW[2:0]
6A
T4CR2
--
PD2G8K[2:0]
--
DAMP[2:0]
6B
T0CR2
--
PD2G8K[2:0]
--
DAMP[2:0]
6C
T4CR3
PD2EN
--
--
--
--
PD2G[2:0]
6D
T0CR3
PD2EN
--
--
--
--
PD2G[2:0]
6E
GPCR
GPIO4D
GPIO3D
GPIO2D
GPIO1D
GPIO4O
GPIO3O
GPIO2O
GPIO1O
6F
GPSR
--
--
--
--
GPIO4
GPIO3
GPIO2
GPIO1
70
OFFSET1
OFFSET[7:0]
71
OFFSET2
OFFSET[15:8]
72
PBOFF
--
--
PBOFF[5:0]
73
PHLIM1
FLEN
NALOL
1
--
--
FINELIM[2:0]
74
PHLIM2
CLEN
MCPDEN USEMCPD
--
COARSELIM[3:0]
76
PHMON
NW
--
--
--
--
77
PHASE1
PHASE[7:0]
78
PHASE2
PHASE[15:8]
79
PHLKTO
PHLKTOM[1:0]
PHLKTO[5:0]
7A
FSCR1
--
SYNCSRC
8KINV
8KPUL
2KINV
2KPUL
7B
FSCR2
INDEP
OCN
PHASE3[1:0]
PHASE2[1:0]
PHASE1[1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com