Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 67Page - Renesas Technology Corp H838024R Datasheet HTML 68Page - Renesas Technology Corp H838024R Datasheet HTML 69Page - Renesas Technology Corp H838024R Datasheet HTML 70Page - Renesas Technology Corp H838024R Datasheet HTML 71Page - Renesas Technology Corp H838024R Datasheet HTML 72Page - Renesas Technology Corp H838024R Datasheet HTML 73Page - Renesas Technology Corp H838024R Datasheet HTML 74Page - Renesas Technology Corp H838024R Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 697 page
background image
Section 2 CPU
Rev. 7.00 Mar 10, 2005 page 29 of 652
REJ09B0042-0700
Refer to the H8/300L Series Programming Manual for the action of each instruction on the flag
bits.
2.2.3
Initial Register Values
When the CPU is reset, the program counter (PC) is initialized to the value stored at address
H'0000 in the vector table, and the I bit in the CCR is set to 1. The other CCR bits and the general
registers are not initialized. In particular, the stack pointer (R7) is not initialized. The stack pointer
should be initialized by software, by the first instruction executed after a reset.
2.3
Data Formats
The H8/300L CPU can process 1-bit data, 4-bit (BCD) data, 8-bit (byte) data, and 16-bit (word)
data.
• Bit manipulation instructions operate on 1-bit data specified as bit n in a byte operand
(n = 0, 1, 2, ..., 7).
• All arithmetic and logic instructions except ADDS and SUBS can operate on byte data.
• The MOV.W, ADD.W, SUB.W, CMP.W, ADDS, SUBS, MULXU (8 bits × 8 bits), and
DIVXU (16 bits ÷ 8 bits) instructions operate on word data.
• The DAA and DAS instructions perform decimal arithmetic adjustments on byte data in
packed BCD form. Each nibble of the byte is treated as a decimal digit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com