Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 78Page - Renesas Technology Corp H838024R Datasheet HTML 79Page - Renesas Technology Corp H838024R Datasheet HTML 80Page - Renesas Technology Corp H838024R Datasheet HTML 81Page - Renesas Technology Corp H838024R Datasheet HTML 82Page - Renesas Technology Corp H838024R Datasheet HTML 83Page - Renesas Technology Corp H838024R Datasheet HTML 84Page - Renesas Technology Corp H838024R Datasheet HTML 85Page - Renesas Technology Corp H838024R Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 697 page
background image
Section 2 CPU
Rev. 7.00 Mar 10, 2005 page 40 of 652
REJ09B0042-0700
2.5.1
Data Transfer Instructions
Table 2.4 describes the data transfer instructions. Figure 2.5 shows their object code formats.
Table 2.4
Data Transfer Instructions
Instruction
Size*
Function
MOV
B/W
(EAs)
→ Rd, Rs → (EAd)
Moves data between two general registers or between a general
register and memory, or moves immediate data to a general
register.
The Rn, @Rn, @(d:16, Rn), @aa:16, #xx:16, @–Rn, and @Rn+
addressing modes are available for word data. The @aa:8
addressing mode is available for byte data only.
The @–R7 and @R7+ modes require word operands. Do not
specify byte size for these two modes.
POP
W
@SP+
→ Rn
Pops a 16-bit general register from the stack. Equivalent to
MOV.W @SP+, Rn.
PUSH
W
Rn
→ @–SP
Pushes a 16-bit general register onto the stack. Equivalent to
MOV.W Rn, @–SP.
Notes: *
Size: Operand size
B:
Byte
W:
Word
Certain precautions are required in data access. See section 2.9.1, Notes on Data Access, for
details.
Figure 2.7 lists the format of the bit manipulation instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com