Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 95Page - Renesas Technology Corp H838024R Datasheet HTML 96Page - Renesas Technology Corp H838024R Datasheet HTML 97Page - Renesas Technology Corp H838024R Datasheet HTML 98Page - Renesas Technology Corp H838024R Datasheet HTML 99Page - Renesas Technology Corp H838024R Datasheet HTML 100Page - Renesas Technology Corp H838024R Datasheet HTML 101Page - Renesas Technology Corp H838024R Datasheet HTML 102Page - Renesas Technology Corp H838024R Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 697 page
background image
Section 2 CPU
Rev. 7.00 Mar 10, 2005 page 57 of 652
REJ09B0042-0700
Three-state access to on-chip peripheral modules
T1 state
Bus cycle
Internal
address bus
Internal
read signal
Internal
data bus
(read access)
Internal
write signal
Read data
Address
Internal
data bus
(write access)
T2 state
T3 state
Write data
φ or φSUB
Figure 2.13 On-Chip Peripheral Module Access Cycle (3-State Access)
2.7
CPU States
2.7.1
Overview
There are four CPU states: the reset state, program execution state, program halt state, and
exception-handling state. The program execution state includes active (high-speed or medium-
speed) mode and subactive mode. In the program halt state there are a sleep (high-speed or
medium-speed) mode, standby mode, watch mode, and sub-sleep mode. These states are shown in
figure 2.14. Figure 2.15 shows the state transitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com