Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 23Page - Renesas Technology Corp H838024R Datasheet HTML 24Page - Renesas Technology Corp H838024R Datasheet HTML 25Page - Renesas Technology Corp H838024R Datasheet HTML 26Page - Renesas Technology Corp H838024R Datasheet HTML 27Page - Renesas Technology Corp H838024R Datasheet HTML 28Page - Renesas Technology Corp H838024R Datasheet HTML 29Page - Renesas Technology Corp H838024R Datasheet HTML 30Page - Renesas Technology Corp H838024R Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 697 page
background image
Rev. 7.00 Mar 10, 2005 page xxvii of xlii
Item
Page
Revision (See Manual for Details)
16.8.3 AC
Characteristics
Table 16.23 Serial
Interface (SCI3)
Timing
520
Table amended
Values
Item
Symbol
Min
Asynchronous
tscyc
4
Input clock
cycle
Clocked synchronous
6
Input clock pulse width
tSCKW
0.4
Transmit data delay time
(clocked synchronous)
tTXD
—
Receive data setup time
(clocked synchronous)
tRXS
150.0
Receive data hold time
(clocked synchronous)
tRXH
150.0
16.8.4 A/D Converter
Characteristics
Table 16.24 A/D
Converter
Characteristics
521
Table amended
Values
Item
Symbol
Applicable
Pins
Min
Analog power supply
voltage
AVCC
AVCC
2.7
Analog input voltage
AVIN
AN0 to
AN7
– 0.3
AIOPE
AVCC
—
Analog power supply
current
AISTOP1
AVCC
—
AISTOP2
AVCC
—
Analog input
capacitance
CAIN
AN0 to
AN7
—
Conversion time
6.2
16.8.5 LCD
Characteristics
Table 16.25 LCD
Characteristics
522
Table amended
Item
Symbol
Applicable
Pins
Segment driver
step-down voltage
VDS
SEG1 to
SEG32
16.8.9 Watchdog
Timer Characteristics
Table 16.33
Watchdog Timer
Characteristics
529
Table amended
Test condition: Vcc = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com