Electronic Components Datasheet Search
  English  ▼

X  

H838024R Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # H838024R
Description  Renesas 8-Bit Single-Chip Microcomputer Super Low Power Series
PDF  697 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838024R Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button H838024R Datasheet HTML 71Page - Renesas Technology Corp H838024R Datasheet HTML 72Page - Renesas Technology Corp H838024R Datasheet HTML 73Page - Renesas Technology Corp H838024R Datasheet HTML 74Page - Renesas Technology Corp H838024R Datasheet HTML 75Page - Renesas Technology Corp H838024R Datasheet HTML 76Page - Renesas Technology Corp H838024R Datasheet HTML 77Page - Renesas Technology Corp H838024R Datasheet HTML 78Page - Renesas Technology Corp H838024R Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 697 page
background image
Section 2 CPU
Rev. 7.00 Mar 10, 2005 page 33 of 652
REJ09B0042-0700
Register Indirect with Post-Increment or Pre-Decrement—@Rn+ or @–Rn:
• Register indirect with post-increment—@Rn+
The @Rn+ mode is used with MOV instructions that load registers from memory.
The register field of the instruction specifies a 16-bit general register containing the address of
the operand. After the operand is accessed, the register is incremented by 1 for MOV.B or 2 for
MOV.W. For MOV.W, the original contents of the 16-bit general register must be even.
• Register indirect with pre-decrement—@–Rn
The @–Rn mode is used with MOV instructions that store register contents to memory.
The register field of the instruction specifies a 16-bit general register which is decremented by
1 or 2 to obtain the address of the operand in memory. The register retains the decremented
value. The size of the decrement is 1 for MOV.B or 2 for MOV.W. For MOV.W, the original
contents of the register must be even.
Absolute Address—@aa:8 or @aa:16: The instruction specifies the absolute address of the
operand in memory.
The absolute address may be 8 bits long (@aa:8) or 16 bits long (@aa:16). The MOV.B and bit
manipulation instructions can use 8-bit absolute addresses. The MOV.B, MOV.W, JMP, and JSR
instructions can use 16-bit absolute addresses.
For an 8-bit absolute address, the upper 8 bits are assumed to be 1 (H'FF). The address range is
H'FF00 to H'FFFF (65280 to 65535).
Immediate—#xx:8 or #xx:16: The instruction contains an 8-bit operand (#xx:8) in its second
byte, or a 16-bit operand (#xx:16) in its third and fourth bytes. Only MOV.W instructions can
contain 16-bit immediate values.
The ADDS and SUBS instructions implicitly contain the value 1 or 2 as immediate data. Some bit
manipulation instructions contain 3-bit immediate data in the second or fourth byte of the
instruction, specifying a bit number.
Program-Counter Relative—@(d:8, PC): This mode is used in the Bcc and BSR instructions.
An 8-bit displacement in byte 2 of the instruction code is sign-extended to 16 bits and added to the
program counter contents to generate a branch destination address. The possible branching range
is –126 to +128 bytes (–63 to +64 words) from the current address. The displacement should be an
even number.
Memory Indirect—@@aa:8: This mode can be used by the JMP and JSR instructions. The
second byte of the instruction code specifies an 8-bit absolute address. The word located at this
address contains the branch destination address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com