Electronic Components Datasheet Search
  English  ▼

X  

FT2232D Datasheet(PDF) 28 Page - Future Technology Devices International Ltd.

Part # FT2232D
Description  Dual USB UART/FIFO I.C.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT2232D Datasheet(HTML) 28 Page - Future Technology Devices International Ltd.

Back Button FT2232D Datasheet HTML 24Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 25Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 26Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 27Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 28Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 29Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 30Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 31Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 32Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
DS2232D Version 0.91
© Future Technology Devices International Ltd. 2006 Page 2 of 51
FT2232D Dual USB UART / FIFO I.C.
Figure 13 is a FT2232D design example which effectively combines the circuits shown in Figures 13 and 14 to give a
USB bus powered design with power switching and 3.3V logic drive level on both channels. Once again a P-Channel
Power MOSFET and soft start circuit are used to control the power to external logic devices. A 3.3V LDO regulator
which is supplied by the USB bus is used to provide the 3.3V supply for the VCCIO pins, as well as the external logic.
If the SI/WU pins are not being used they should be pulled up to 3.3V.
Alternatively, a dedicated power switch I.C. with inbuilt “soft-start” can be used instead of a MOSFET. A suitable
power switch I.C. for such an application would be a Micrel (
www.micrel.com) MIC2025-2BM or equivalent.
Please note the following points in connection with power controlled designs –
a) The logic to be controlled must have its own reset circuitry so that it will automatically reset itself when power is re-
The logic to be controlled must have its own reset circuitry so that it will automatically reset itself when power is re-
applied on coming out of suspend.
b) Set the Pull-down on Suspend option in the FT2232D’s EEPROM.
Set the Pull-down on Suspend option in the FT2232D’s EEPROM.
c) For USB high-power bus powered device (one that consumes greater than 100 mA, and up to 500 mA of current
from the USB bus), the power consumption of the device should be set in the max power field in the EEPROM.
A high-power bus powered device must use this descriptor in the EEPROM to inform the system of its power
requirements.
d) For 3.3V power controlled circuits the VCCIO pins must not be powered down with the external circuitry. Either
For 3.3V power controlled circuits the VCCIO pins must not be powered down with the external circuitry. Either
connect the power switch between the output of the 3.3V regulator and the external 3.3V logic, or if appropriate
power the VCCIO pin from the 3V3OUT pin of the FT2232D.
Figure 13 - Bus Powered Circuit with Power Control and 3.3V Logic Drive / IO Supply
Voltage
USB "B"
Connector
Ferrite
Bead
470R
0.1uF
VCC5V
27R
27R
USB DM
8
FT2232
USB DP
7
V
C
C
V
C
C
V
C
C
I
O
B
3
42
31
1
2
3
4
33nF
3V3OUT
6
A
V
C
C
46
10nF
PWREN#
41
0.1uF
Switched 3.3V Power
to External Logic
P-Channel Power
MOSFET
s
g
d
0.1uF
1K
Soft Start
Circuit
V
C
C
I
O
A
14
RSTOUT#
1.5K
RESET#
VCC5V
Decoupling Capacitors
10uF
VCC5V
0.1uF
0.1uF
+
4
5
3.3V LDO
Regulator
IN
OUT
GND
0.1uF
SI/WUB
SI/WUA
VCC3V3
VCC3V3
VCC3V3
26
10
FT2232D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com