Electronic Components Datasheet Search
  English  ▼

X  

FT2232D Datasheet(PDF) 41 Page - Future Technology Devices International Ltd.

Part # FT2232D
Description  Dual USB UART/FIFO I.C.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT2232D Datasheet(HTML) 41 Page - Future Technology Devices International Ltd.

Back Button FT2232D Datasheet HTML 37Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 38Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 39Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 40Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 41Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 42Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 43Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 44Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 45Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
DS2232D Version 0.91
© Future Technology Devices International Ltd. 2006 Page 1 of 51
FT2232D Dual USB UART / FIFO I.C.
9.6 Multi-Protocol Synchronous Serial Engine (MPSSE) Mode Signal Descriptions and
Interface Configurations
MPSSE Mode is designed to allow the FT2232D to interface efficiently with synchronous serial protocols such
as JTAG and SPI Bus. It can also be used to program SRAM based FPGA’s over USB. The MPSSE interface is
designed to be flexible so that it can be configured to allow any synchronous serial protocol (industry standard or
proprietary) to be interfaced to the FT2232D. MPSSE is available on channel A only.
MPSSE is fully configurable, and is programmed by sending commands down the data pipe. These can be sent
individually, or more efficiently in packets. MPSSE is capable of a maximum sustained data rate of
5.6 Mega bits / s.
When Channel A is configured in MPSSE mode the IO signal lines are configured as follows :-
Pin#
(Channel A Only)
Signal
Type
Description
24
TCK/SK OUTPUT Clock signal Output
23
TDI/D0
OUTPUT Serial Data Out
22
TDO/DI
INPUT
Serial Data In
**Note 2
21
TMS/CS OUTPUT Select Signal Out
20
GPIOL0 I/O
General Pupose input / Output
**Note 2
19
GPIOL1 I/O
General Pupose input / Output
**Note 2
17
GPIOL2 I/O
General Pupose input / Output
**Note 2
16
GPIOL3 I/O
General Pupose input / Output
**Note 2
15
GPIOH0 I/O
General Pupose input / Output
**Note 2
13
GPIOH1 I/O
General Pupose input / Output
**Note 2
12
GPIOH2 I/O
General Pupose input / Output
**Note 2
11
GPIOH3 I/O
General Pupose input / Output
**Note 2
**Note 2 : In Input Mode, these pins are pulled to VCCIO via internal 200K resistors. These can be programmed to
gently pull low during USB suspend ( PWREN# = “1” ) by setting this option in the EEPROM.
Enabling
MPSSE mode is enabled using Set Bit Bang Mode driver command. A hex value of 2 will enable it, and a hex value of
0 will reset the device. See application note
AN2232L-02, “Bit Mode Functions for the FT2232D” for more details
and examples.
The MPSSE command set is fully described in application note
AN2232L-01 - “Command Processor For MPSSE
and MCU Host Bus Emulation Modes”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com