Electronic Components Datasheet Search
  English  ▼

X  

FT2232D Datasheet(PDF) 35 Page - Future Technology Devices International Ltd.

Part # FT2232D
Description  Dual USB UART/FIFO I.C.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT2232D Datasheet(HTML) 35 Page - Future Technology Devices International Ltd.

Back Button FT2232D Datasheet HTML 31Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 32Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 33Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 34Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 35Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 36Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 37Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 38Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 39Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
DS2232D Version 0.91
© Future Technology Devices International Ltd. 2006 Page 35 of 51
FT2232D Dual USB UART / FIFO I.C.
25 FIFO Mode TIMING DIAGRAMS
Figure 19 - FIFO READ Cycle
Time
Description
Min
Max
Unit
T1
RD# Active Pulse Width
50
ns
T2
RD# to RD Pre-Charge Time
50 + T6
ns
T3
RD# Active to Valid Data **
Note 19
20
50
ns
T4
Valid Data Hold Time from RD# Inactive **
Note 19
0
ns
T5
RD# Inactive to RXF#
0
25
ns
T6
RXF# inactive after RD# cycle
80
ns
**
Note 19 : Load 30 pF at standard drive level. These times will also vary if the high output drive level is enabled.
Figure 20 - FIFO Write Cycle
Time
Description
Min
Max
Unit
T7
WR Active Pulse Width
50
ns
T8
WR to WR Pre-Charge Time
50
ns
T9
Data Setup Time before WR inactive
20
ns
T10
Data Hold Time from WR inactive
0
ns
T11
WR Inactive to TXE#
5
25
ns
T12
TXE inactive after WR cycle
80
ns
RXF#
RD#
D[7...0]
T3
T1
T5
T6
T2
T4
Valid Data
Valid Data
D[7...0]
WR
TXE#
T7
T12
T11
T8
T9
T10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com