Electronic Components Datasheet Search
  English  ▼

X  

FT2232D Datasheet(PDF) 33 Page - Future Technology Devices International Ltd.

Part # FT2232D
Description  Dual USB UART/FIFO I.C.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT2232D Datasheet(HTML) 33 Page - Future Technology Devices International Ltd.

Back Button FT2232D Datasheet HTML 29Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 30Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 31Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 32Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 33Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 34Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 35Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 36Page - Future Technology Devices International Ltd. FT2232D Datasheet HTML 37Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
DS2232D Version 0.91
© Future Technology Devices International Ltd. 2006 Page 33 of 51
FT2232D Dual USB UART / FIFO I.C.
9.2 232 UART Mode LED Interface
Figure 1
Dual LED Configuration
Figure 1
Single LED Configuration
FT2232C
TXLED#
RXLED#
VCCIO
220R
LED
FT2232C
TXLED#
RXLED#
VCCIO
220R
220R
TX
RX
When configured in UART mode the FT2232D has two IO pins on each channel dedicated to controlling LED
status indicators, one for transmitted data the other for received data. When data is being transmitted / received
the respective pins drive from tri-state to low in order to provide indication on the LED’s of data transfer. A digital
one-shot timer is used so that even a small percentage of data transfer is visible to the end user. Figure 17 shows
a configuration using two individual LED’s – one for transmitted data the other for received data. In Figure 18, the
transmit and receive LED indicators are wire-OR’ed together to give a single LED indicator which indicates any
transmit or receive data activity.
Another possibility (not shown here) is to use a 3 pin common anode tri-color LED based on the circuit in Figure 18 to
have a single LED that can display activity in a variety of colors depending on the ratio of transmit activity compared to
receive activity.
Note that the LED’s are connected to the same supply as VCCIO.
FT2232D
FT2232D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com