Electronic Components Datasheet Search
  English  ▼

X  

MA732 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MA732
Description  14-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA732 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MA732 Datasheet HTML 1Page - Monolithic Power Systems MA732 Datasheet HTML 2Page - Monolithic Power Systems MA732 Datasheet HTML 3Page - Monolithic Power Systems MA732 Datasheet HTML 4Page - Monolithic Power Systems MA732 Datasheet HTML 5Page - Monolithic Power Systems MA732 Datasheet HTML 6Page - Monolithic Power Systems MA732 Datasheet HTML 7Page - Monolithic Power Systems MA732 Datasheet HTML 8Page - Monolithic Power Systems MA732 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
MA732 – 14-BIT, DIGITAL ANGLE SENSOR WITH ABZ & PWM OUTPUTS
MA732 Rev. 1.1
MonolithicPower.com
3
8/8/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
SSD
Data out (SSI).
2
A
Incremental output.
3
Z
Incremental output.
4
MOSI
Data in (SPI). MOSI has an internal pull-down resistor.
5
CS
Chip select (SPI). CS has an internal pull-up resistor.
6
B
Incremental output.
7
MISO
Data out (SPI). MISO has an internal pull-down resistor that is enabled at a high-impedance
state.
8
GND
Supply ground.
9
PWM
PWM output.
10
TEST
Factory use only. Connect TEST to ground.
11
MGL
Digital output indicating field strength below MGLT level.
12
SCLK
Clock (SPI). Internal pull down.
13
VDD
3.3V supply.
14
NC
No connection. Leave NC unconnected.
15
SSCK
Clock (SSI). Internal pull down.
16
MGH
Digital output indicating field strength above MGHT level.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage .............................-0.5V to +4.6V
Input pin voltage (VI) ....................-0.5V to +6.0V
Output pin voltage (VO) ................-0.5V to +4.6V
Continuous power dissipation (TA = +25°C) (2)
................................................................... 2.0W
Junction temperature ................................125°C
Lead temperature .....................................260°C
Storage temperature ................ -65°C to +150°C
Thermal Resistance (3)
θJA
θJC
QFN-16 (3mmx3mm)............. 50....... 12 ... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ (MAX)
- TA) / θJA.
3) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com