Electronic Components Datasheet Search
  English  ▼

X  

MA732 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MA732
Description  14-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA732 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MA732 Datasheet HTML 1Page - Monolithic Power Systems MA732 Datasheet HTML 2Page - Monolithic Power Systems MA732 Datasheet HTML 3Page - Monolithic Power Systems MA732 Datasheet HTML 4Page - Monolithic Power Systems MA732 Datasheet HTML 5Page - Monolithic Power Systems MA732 Datasheet HTML 6Page - Monolithic Power Systems MA732 Datasheet HTML 7Page - Monolithic Power Systems MA732 Datasheet HTML 8Page - Monolithic Power Systems MA732 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
MA732 – 14-BIT, DIGITAL ANGLE SENSOR WITH ABZ & PWM OUTPUTS
MA732 Rev. 1.1
MonolithicPower.com
5
8/8/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
GENERAL CHARACTERISTICS
VDD = 3.3V, 45mT < B < 100mT, temp = -40°C to +125°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Absolute Output
– Serial
Effective resolution (±
3σ)
Filter window
������ = 64µs
9.0
9.8
10.5
bits
Filter window
������ = 16ms
13.0
13.8
14.5
bits
Noise RMS
Filter window
������ = 64µs
0.04
0.07
0.12
deg
Filter window
������ = 16ms
0.003
0.004
0.007
deg
Refresh rate
850
980
1100
kHz
Data output length
16
16
bits
Response Time
Power-up time (4)
Filter window
������ = 64µs
0.6
ms
Filter window
������ = 16ms
260
ms
Latency (4)
Constant speed propagation delay
8
10
µs
Filter cutoff frequency (4)
fcutoff
Filter window
������ = 64µs
6
kHz
fcutoff
Filter window
������ = 16ms
23
Hz
Accuracy
INL at 25°C
At room temperature over the full
field range
0.7
deg
INL between -40°C and
+125°C (5)
Over the full temperature range and
field range
1.1
deg
Output Drift
Temperature induced drift
at room temperature (5)
0.015
deg/°C
Temperature induced
variation (5)
From 25°C to 85°C
0.5
deg
From 25°C to 125°C
1.0
deg
Magnetic field induced (5)
0.005
deg/mT
Voltage supply induced (5)
0.3
deg/V
Absolute Output
– PWM
PWM frequency
fPWM
840
970
1090
Hz
PWM resolution
13
13.8
14.0
bits
Incremental Output
– ABZ
ABZ update rate
16
MHz
Resolution
– edges per
turn
Programmable
4
4096
Pulses per channel per
turn
PPT + 1 Programmable
1
1024
ABZ hysteresis (5)
H
Programmable
0.08
2.8
deg
Systematic jitter (5)
For PPT = 1023, up to 60mT
11
%
For PPT = 127
7
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com