Electronic Components Datasheet Search
  English  ▼

X  

MA732 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MA732
Description  14-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA732 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MA732 Datasheet HTML 6Page - Monolithic Power Systems MA732 Datasheet HTML 7Page - Monolithic Power Systems MA732 Datasheet HTML 8Page - Monolithic Power Systems MA732 Datasheet HTML 9Page - Monolithic Power Systems MA732 Datasheet HTML 10Page - Monolithic Power Systems MA732 Datasheet HTML 11Page - Monolithic Power Systems MA732 Datasheet HTML 12Page - Monolithic Power Systems MA732 Datasheet HTML 13Page - Monolithic Power Systems MA732 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
MA732 – 14-BIT, DIGITAL ANGLE SENSOR WITH ABZ & PWM OUTPUTS
MA732 Rev. 1.1
MonolithicPower.com
10
8/8/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
(surface of package). For good linearity, the
sensor is positioned with a precision of 0.5mm.
Figure 4: End-of-Shaft Mounting
If the end-of-shaft position is not available, the
sensor can be positioned away from the rotation
axis of a cylinder or ring magnet (see Figure 5).
In this case, the magnetic field angle is no longer
directly proportional to the mechanical angle.
The MA732 can be adjusted to compensate for
this effect and recover the linear relationship
between the mechanical angle and the sensor
output. With multiple pole pair magnets, the
MA732 indicates multiple rotations for each
mechanical turn.
Figure 5: Side-Shaft Mounting
Electrical Mounting and Power Supply
Decoupling
It is recommended to place a 1µF decoupling
capacitor close to the sensor with a low-
impedance path to GND (see Figure 6).
Figure 6: Connection for Supply Decoupling
In general, the part works well with or without the
exposed pad connected to anything. For optimal
conditions
(electrically,
thermally,
and
mechanically), it is recommended that the
exposed pad be connected to ground.
Serial Interface
The sensor supports the SPI serial interface for
angle
reading
and
register
programming.
Alternatively, the SSI bus can be used for angle
reading (programming
through SSI is
not
supported).
SPI
SPI
is
a
four-wire,
synchronous,
serial
communication interface. The MA732 supports
SPI Mode 3 and Mode 0 (see Table 1 and Table
2). The SPI mode is detected automatically by
the sensor, and does not require any action from
the user. The maximum clock rate supported on
SPI is 25MHz. There is no minimum clock rate.
Note that real-life data rates depend on the PCB
layout quality and signal trace length. Figure 7
and Table 3 show the SPI timing.
All commands to the MA732 (whether for writing
or reading register content) must be transferred
through the SPI MOSI pin, and must be 16 bits
long. See the SPI Communication section on
page 12 for details.
Table 1: SPI Specification
Mode 0
Mode 3
SCLK Idle State
Low
High
Data Capture
On SCLK rising edge
Data
Transmission
On SCLK falling edge
CS Idle State
High
Data Order
MSB first
Table 2: SPI Standard
Mode 0
Mode 3
CPOL
0
1
CPHA
0
1
Data Order (DORD)
0 (MSB first)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com