Electronic Components Datasheet Search
  English  ▼

X  

MA732 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MA732
Description  14-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA732 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MA732 Datasheet HTML 7Page - Monolithic Power Systems MA732 Datasheet HTML 8Page - Monolithic Power Systems MA732 Datasheet HTML 9Page - Monolithic Power Systems MA732 Datasheet HTML 10Page - Monolithic Power Systems MA732 Datasheet HTML 11Page - Monolithic Power Systems MA732 Datasheet HTML 12Page - Monolithic Power Systems MA732 Datasheet HTML 13Page - Monolithic Power Systems MA732 Datasheet HTML 14Page - Monolithic Power Systems MA732 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
MA732 – 14-BIT, DIGITAL ANGLE SENSOR WITH ABZ & PWM OUTPUTS
MA732 Rev. 1.1
MonolithicPower.com
11
8/8/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
Figure 7: SPI Timing Diagram
Figure 8: Minimum Idle Time
Table 3: SPI Timing
Parameter (6)
Description
Min
Max
Unit
tidleAngle
Idle time between two subsequent angle transmissions.
150
ns
tidleReg
Idle time before and after a register readout.
750
ns
tnvm
Idle time between a write command and a register readout
(delay necessary for non-volatile memory updates).
20
ms
tcsL
Time between CS falling edge and SCLK falling edge.
80
ns
tsclk
SCLK period.
40
ns
tsclkL
Low level of SCLK signal.
20
ns
tsclkH
High level of SCLK signal.
20
ns
tcsH
Time between SCLK rising edge and CS rising edge.
25
ns
tMISO
SCLK setting edge to data output valid.
15
ns
tMOSI
Data input valid to SCLK reading edge.
15
ns
Note:
6) All values are guaranteed by design.
X
hi-Z
MSB
MSB
LSB
hi-Z
CS
SCLK
MOSI
MISO
LSB
t
idleAngle
t
idleReg
t
nvm
t
csL
t
sclk
t
MISO
t
MOSI
t
sclkL
t
sclkH
t
csH
t
MISO
t
MISO
MSB
MSB
X
CS
MISO
MOSI
t
idleAngle
Angle
Angle
Angle
Reg Value
Read Reg Cmd
t
idleReg
t
nvm
Angle
Angle
Angle
Write Reg Cmd
0
0
0
0
0
Reg Value
0
t
idleReg
Angle
t
idleReg
0
t
idleAngle
t
idleAngle
t
idleAngle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com