Electronic Components Datasheet Search
  English  ▼

X  

MA732 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MA732
Description  14-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA732 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MA732 Datasheet HTML 3Page - Monolithic Power Systems MA732 Datasheet HTML 4Page - Monolithic Power Systems MA732 Datasheet HTML 5Page - Monolithic Power Systems MA732 Datasheet HTML 6Page - Monolithic Power Systems MA732 Datasheet HTML 7Page - Monolithic Power Systems MA732 Datasheet HTML 8Page - Monolithic Power Systems MA732 Datasheet HTML 9Page - Monolithic Power Systems MA732 Datasheet HTML 10Page - Monolithic Power Systems MA732 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
MA732 – 14-BIT, DIGITAL ANGLE SENSOR WITH ABZ & PWM OUTPUTS
MA732 Rev. 1.1
MonolithicPower.com
7
8/8/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VDD = 3.3V, temp = 25°C, unless otherwise noted.
ABZ Jitter
PPT = 255, tau = 1ms
Current Consumption at
VDD = 3.3V
Filter Transfer Function
at
������ = 16 ms
-20
-15
-10
-5
0
5
1
10
100
1000
10
4
f (Hz)
-3 dB
Error Curves at 50mT
Nonlinearity (INL and
Harmonics)
Effective Resolution
(3σ)
0
0.5
1
1.5
0
10
20
30
40
50
60
70
80
MAGNETIC FIELD (mT)
INL
H1
H2
8
9
10
11
12
13
14
0
20
40
60
80
100
120
MAGNETIC FIELD (mT)
 = 64 s
 = 512 s
 = 256 s
 = 128 s
 = 1 ms
 = 16 ms
 =8 ms
 = 4 ms
 = 2 ms
Noise Spectrum at
50mT and
������ = 16 ms
10
-6
10
-5
0.0001
0.001
0.1
1
10
100
1000
10
4
FREQUENCY (Hz)
10
10.5
11
11.5
12
-50
0
50
100
150
TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com