Electronic Components Datasheet Search
  English  ▼

X  

MA732 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MA732
Description  14-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA732 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MA732 Datasheet HTML 9Page - Monolithic Power Systems MA732 Datasheet HTML 10Page - Monolithic Power Systems MA732 Datasheet HTML 11Page - Monolithic Power Systems MA732 Datasheet HTML 12Page - Monolithic Power Systems MA732 Datasheet HTML 13Page - Monolithic Power Systems MA732 Datasheet HTML 14Page - Monolithic Power Systems MA732 Datasheet HTML 15Page - Monolithic Power Systems MA732 Datasheet HTML 16Page - Monolithic Power Systems MA732 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
MA732 – 14-BIT, DIGITAL ANGLE SENSOR WITH ABZ & PWM OUTPUTS
MA732 Rev. 1.1
MonolithicPower.com
13
8/8/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
SPI Read Register
A read register operation is constituted of two 16-
bit frames. The first frame sends a read request,
which contains the 3-bit read command (010)
followed by the 5-bit register address. The last 8
bits of the frame must all be set to zero. The
second frame returns the 8-bit register value
(MSB byte).
The first 16-bit SPI frame (read request) is:
MSB
LSB
MISO
Angle(15:0)
command
reg. address
MOSI
0
1
0
A4 A3 A2 A1 A0
0 0 0 0 0 0 0 0
The second 16-bit SPI frame (response) is:
reg. value
MISO V7 V6 V5 V4 V3 V2 V1 V0
0 0 0 0 0 0 0 0
MSB
LSB
MOSI
0
Figure 11 shows a complete transmission
overview.
For example, to get the value of the magnetic
level high and low flags (MGH and MGL), read
register 27 (bit 6, bit 7) by sending the following
first frame:
MSB
LSB
MISO
Angle(15:0)
command
reg. address
MOSI
0
1
0
1
1
0
1
1
0 0 0 0 0 0 0 0
In the second frame, the MA732 replies:
reg. value
MISO MGH MGL X X X X X X
0 0 0 0 0 0 0 0
MSB
LSB
MOSI
0
Figure 12 shows a complete example overview.
Figure 11: Two 16-Bit Frames Read Register Operation
Figure 12: Example Read Magnetic Level Flags High and Low (MGH, MGH) on Register 27, Bit 6 to Bit 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com