Electronic Components Datasheet Search
  English  ▼

X  

MPQ5872 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MPQ5872
Description  42V Load Dump Test, 60mΩ Single-Channel, Smart High-Side Load Switch, AEC-Q100 Qualified
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ5872 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MPQ5872 Datasheet HTML 17Page - Monolithic Power Systems MPQ5872 Datasheet HTML 18Page - Monolithic Power Systems MPQ5872 Datasheet HTML 19Page - Monolithic Power Systems MPQ5872 Datasheet HTML 20Page - Monolithic Power Systems MPQ5872 Datasheet HTML 21Page - Monolithic Power Systems MPQ5872 Datasheet HTML 22Page - Monolithic Power Systems MPQ5872 Datasheet HTML 23Page - Monolithic Power Systems MPQ5872 Datasheet HTML 24Page - Monolithic Power Systems MPQ5872 Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
MPQ5872
– 42V LOAD DUMP, 60mΩ 1-CHANNEL, SMART HS LOAD SWITCH, AEC-Q100
MPQ5872 Rev. 1.0
MonolithicPower.com
21
10/25/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
scenario, MCU series resistors, ground network
or an external freewheeling circuit is required
(see Figure 11).
MPQ5872
DIAG_EN
EN
FT/CS
MCU
RCL
RCS
OUT
VIN
Load
RSER
CSS
GND
ILIM
SS
CCS
RSER
RSER
RGND
DGND
Power
Supply
MCU IO Protection
Freewheeling
Circuit
Grounding Network
CCS
Figure 11: Loss of Power Supply Protection
Reverse Polarity Protection
A diode between the device GND and module
ground is required to block possible reverse
voltage, which also causes a ground shift (about
600mV). Ensure that RCL and CSS are properly
connected to the device GND in the event that a
GND voltage shift occurs. For inductive loads, a
negative spike may occur during the off state,
which may damage the diode. Therefore, it is
strongly recommended to add a 1k
Ω resistor in
parallel with the diode when driving an inductive
load to help protect the diode in parallel. The
diode’s IF should be greater than 100mA.
MPQ5872
DIAG_EN
EN
MCU
RCL
OUT
VIN
Load
CSS
GND
ILIM
SS
RSER
RSER
RGND
DGND
Power
Supply
MCU IO Protection
Grounding Network
FT/CS
RCS
CCS
CCS
RSER
Figure 12: Reverse Polarity Battery Protection
AEC Q100-012 Test Grade A Certification
Short-circuit reliability is critical for smart high-
side power MOSFET devices. The AEC-Q100-
012 standard is used to determine device
reliability when operating in a continuous short-
circuit condition. Different grade levels are
specified according to the pass cycles. This
device is qualified with the highest level, Grade
A, which indicates 1 million times short-to-GND
certification.
Applicable Test Modes
• Cold repetitive short-circuit test (long pulse)
• Cold repetitive short-circuit test (short pulse)
• Hot repetitive short-circuit test (continuous)
Transient Disturbances Tests
The MPQ5872 meets requirements specified in
ISO 7637-2 and ISO 16750-2 standards with
proper external circuitry (see Figure 13). Table 2
shows additional details.
Table 2: Tests in ISO 7637-2 and ISO 16750-2
Standard
Test Item
Level
Description
7637-2
1
III
-112V / 2ms
2a
III
55V / 50µs
2b
IV
10V / RIN
(0Ω)
3a
IV
-220V / 0.1µs
3b
IV
150V / 0.1µs
16750-2
Load dump test
B
US* = 40V
tR
≤ 5ms
Reverse
polarity voltage
US = -30V
t < 60s
If the CL is reached during a load dump
transient, the device
shutdown. Therefore, the
load capacitor (CLOAD) should be selected based
on Equation (4):
LIMIT
LOAD
LOAD
II
C
SR
−
(4)
where ILIMIT is the lower one of the internal and
external current limit, ILOAD is the load current,
and SR is the slew rate of the source voltage.
Based on the load dump pulse definition, SR
must be no greater than 20V/ms. Therefore, for
an application with 3A current limit and 2A
continuous current, it is recommended CLOAD to
be no more than 47µF.
MPQ5872
DIAG_EN
EN
MCU
RCL
OUT
VIN
Load
CSS
GND
ILIM
SS
Power
Supply
BAV21W
10k
Ω
10k
Ω
SMBJ24CA
22nF
COUT
100nF
FT/CS
RCS
CCS
CCS
10k
Ω
Figure 13: Pulse Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com