Electronic Components Datasheet Search
  English  ▼

X  

MPQ5872 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MPQ5872
Description  42V Load Dump Test, 60mΩ Single-Channel, Smart High-Side Load Switch, AEC-Q100 Qualified
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ5872 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MPQ5872 Datasheet HTML 8Page - Monolithic Power Systems MPQ5872 Datasheet HTML 9Page - Monolithic Power Systems MPQ5872 Datasheet HTML 10Page - Monolithic Power Systems MPQ5872 Datasheet HTML 11Page - Monolithic Power Systems MPQ5872 Datasheet HTML 12Page - Monolithic Power Systems MPQ5872 Datasheet HTML 13Page - Monolithic Power Systems MPQ5872 Datasheet HTML 14Page - Monolithic Power Systems MPQ5872 Datasheet HTML 15Page - Monolithic Power Systems MPQ5872 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
MPQ5872
– 42V LOAD DUMP, 60mΩ 1-CHANNEL, SMART HS LOAD SWITCH, AEC-Q100
MPQ5872 Rev. 1.0
MonolithicPower.com
12
10/25/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT = 12V, CLOAD = 47μF, TA = 25°C, unless otherwise noted.
Shutdown through EN
IOUT = 0A
Shutdown through EN
IOUT = 2A
CH3: VEN
CH2: VOUT
CH1: FT/CS
CH4: IOUT
CH3: VEN
CH2: VOUT
CH1: FT/CS
CH4: IOUT
SCP Entry
IOUT = 0A
SCP Entry
IOUT = 0A
CH3: SS
CH2: VOUT
CH1: FT/CS
CH4: IOUT
CH3: SS
CH2: VOUT
CH1: FT/CS
CH4: IOUT
SCP Entry
IOUT = 2A
SCP Entry
IOUT = 2A
CH3: SS
CH2: VOUT
CH1: FT/CS
CH4: IOUT
CH3: SS
CH2: VOUT
CH1: FT/CS
CH4: IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com