Electronic Components Datasheet Search
  English  ▼

X  

MPQ5872 Datasheet(PDF) 24 Page - Monolithic Power Systems

Part # MPQ5872
Description  42V Load Dump Test, 60mΩ Single-Channel, Smart High-Side Load Switch, AEC-Q100 Qualified
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ5872 Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button MPQ5872 Datasheet HTML 20Page - Monolithic Power Systems MPQ5872 Datasheet HTML 21Page - Monolithic Power Systems MPQ5872 Datasheet HTML 22Page - Monolithic Power Systems MPQ5872 Datasheet HTML 23Page - Monolithic Power Systems MPQ5872 Datasheet HTML 24Page - Monolithic Power Systems MPQ5872 Datasheet HTML 25Page - Monolithic Power Systems MPQ5872 Datasheet HTML 26Page - Monolithic Power Systems MPQ5872 Datasheet HTML 27Page - Monolithic Power Systems MPQ5872 Datasheet HTML 28Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
MPQ5872
– 42V LOAD DUMP, 60mΩ 1-CHANNEL, SMART HS LOAD SWITCH, AEC-Q100
MPQ5872 Rev. 1.0
MonolithicPower.com
24
10/25/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
PCB Layout Guidelines
For optimal thermal performance and reliability,
refer to Figure 18 follow the guidelines below
when designing the PCB layout:
1. Increase the copper area on the PCB
(especially for VIN, OUT, and GND) to
increase the thermal conductivity of the
board.
2. Connect the GND pin to the GND planes
beneath the IC using as many vias as
possible to further improve heat dissipation.
3. If a GND network is needed, use a single
copper layer for the
IC’s GND plane. Then
connect the IC’s and module’s GND pins via
protective components.
VIN
GND
OUT
MPQ5872
(a) Without GND Network
IC_GND
MODULE_GND
GND_
NETWORK
OUT
VIN
GND
MPQ5872
(b) With GND Network
Figure 18: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com