Electronic Components Datasheet Search
  English  ▼

X  

MPQ5872 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MPQ5872
Description  42V Load Dump Test, 60mΩ Single-Channel, Smart High-Side Load Switch, AEC-Q100 Qualified
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ5872 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MPQ5872 Datasheet HTML 3Page - Monolithic Power Systems MPQ5872 Datasheet HTML 4Page - Monolithic Power Systems MPQ5872 Datasheet HTML 5Page - Monolithic Power Systems MPQ5872 Datasheet HTML 6Page - Monolithic Power Systems MPQ5872 Datasheet HTML 7Page - Monolithic Power Systems MPQ5872 Datasheet HTML 8Page - Monolithic Power Systems MPQ5872 Datasheet HTML 9Page - Monolithic Power Systems MPQ5872 Datasheet HTML 10Page - Monolithic Power Systems MPQ5872 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
MPQ5872
– 42V LOAD DUMP, 60mΩ 1-CHANNEL, SMART HS LOAD SWITCH, AEC-Q100
MPQ5872 Rev. 1.0
MonolithicPower.com
7
10/25/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, TJ = -40°C to +150°C, typical values at TJ = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max Units
Diagnostics and Protection
Off-state open-load
threshold
VOL_OFF
EN = 0V, if VIN - VOUT < VOL_OFF, t > tOL_OFF,
open load detected
0.75
1.05
1.35
V
Off-state open-load
detection (OLD) deglitch
time
tOL_OFF
700
μs
Off-state output sink
current with open load
IOL_OFF
EN = 0V, DIAG_EN = 5V, IOUT when open
load detected
-75
μA
Thermal shutdown
threshold (8)
TSD
175
°C
Thermal shutdown
hysteresis (8)
TSD_RST
30
°C
Notes:
8) Not tested in production. Guaranteed by design and characterization.
9) The current accuracy is not guaranteed if VCS exceeds this range.
10) Minimum value shown guaranteed by characterization. Not tested in production.
11) Derived from bench characterization. Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com