Electronic Components Datasheet Search
  English  ▼

X  

MPQ5872 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPQ5872
Description  42V Load Dump Test, 60mΩ Single-Channel, Smart High-Side Load Switch, AEC-Q100 Qualified
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ5872 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPQ5872 Datasheet HTML 1Page - Monolithic Power Systems MPQ5872 Datasheet HTML 2Page - Monolithic Power Systems MPQ5872 Datasheet HTML 3Page - Monolithic Power Systems MPQ5872 Datasheet HTML 4Page - Monolithic Power Systems MPQ5872 Datasheet HTML 5Page - Monolithic Power Systems MPQ5872 Datasheet HTML 6Page - Monolithic Power Systems MPQ5872 Datasheet HTML 7Page - Monolithic Power Systems MPQ5872 Datasheet HTML 8Page - Monolithic Power Systems MPQ5872 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
MPQ5872
– 42V LOAD DUMP, 60mΩ 1-CHANNEL, SMART HS LOAD SWITCH, AEC-Q100
MPQ5872 Rev. 1.0
MonolithicPower.com
4
10/25/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
VIN
Input power supply. Connect this pin to the battery.
2
DIAG_EN
Enable diagnostics. Pull this pin above the specified threshold (1.2V) to enable
diagnostics. Pull it below the specified threshold (1V) to disable diagnostics and reduce the
standby current. Connect this pin to GND if not used.
3
EN
Enable. Pull EN above the specified threshold (1.2V) to enable the chip. Pull EN below the
specified threshold (1V) to shut down the chip.
4
FT/CS
Fault/current sense. A current mirror is used to source 1 / KCS of the load current, flowing
to the external current-sense resistor (RCS) between FT/CS and GND. The voltage on the
FT/CS pin (VCS) reflects the load current. This pin also reports faults. Add a 100nF capacitor
as close as possible to the the FT/CS pin. If the current sense feature is not used, remove
RCS.
5
GND
Device ground.
6
ILIM
Configurable current limit pin. Connect this pin to GND via a resistor (RCL) to set the
external current limit. See the Operation section on page 17 for more details. If the external
current limit its not used, connect this pin directly to GND. Do not float this pin.
7
SS
Soft start. An external capacitor connected to this pin sets the output voltage (VOUT) slew
rate for the soft start (SS) period.
8
OUT
Output to the load. N-channel MOSFET source.
ABSOLUTE MAXIMUM RATINGS (1)
VIN, OUT ......................................-0.3V to +42V
All other pins ................................-0.3V to +6.5V
Junction temperature (TJ) .........................150°C
Lead temperature .....................................260°C
Storage temp ........................... -65°C to +150°C
Continuous power dissipation (2) (7)........... 4.46W
Inductive load switch-off energy dissipation,
Single pulse (3) ........................................... 50mJ
ESD Ratings
Human body model (HBM) ................. Class 2 (4)
Charged-device model (CDM) ....... Class C2b (5)
Recommended Operating Conditions
Continuous supply voltage (VIN)..........5V to 28V
Maximum load dump voltage ....................... 42V
Nominal DC load current....................... 0A to 2A
Operating junction temp (TJ) .... -40°C to +150°C
Thermal Resistance
θJA
θJC
QFN-8 (2mmx2.5mm)
JESD51-7
……………….67.2…13.6……°C/W(6)
EVQ5872-RP-00A
……...28………….....°C/W(7)
ΨJT
JESD51-7
………………………...4.9…....°C/W(6)
EVQ5872-RP-00A
………............4.0…....°C/W(7)
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA) / θJA. Exceeding the maximum allowable power
dissipation can cause excessive die temperature, and the
regulator may go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) Test conditions: VIN = 13.5V, L = 10mH, R = 0Ω, TA = 25°C.
Derived from bench characterization. Not tested in production.
4) Per AEC-Q100-002.
5) Per AEC-Q100-011.
6) Obtained based on a JESD51-7, 4-layer PCB. The values
given in this table are only valid for comparison with other
packages and cannot be used for design purposes. These
values were calculated in accordance with JESD51-7, and
simulated on a specified JEDEC board. They do not represent
the performance obtained in an actual application, the value of
θ
JC shows the thermal resister from junction-to-case bottom,
and the value of
Ψ
JT shows the characterization parameter
from junction-to-case top.
7) Measured
on
an
MPS
MPQ5872
standard
EVB:
6.35cmx6.35cm, 2oz copper thickness, 4-layer PCB. The value
of
Ψ
JT shows the characterization parameter from junction-to-
case top.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com