Electronic Components Datasheet Search
  English  ▼

X  

MPQ5872 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MPQ5872
Description  42V Load Dump Test, 60mΩ Single-Channel, Smart High-Side Load Switch, AEC-Q100 Qualified
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ5872 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MPQ5872 Datasheet HTML 4Page - Monolithic Power Systems MPQ5872 Datasheet HTML 5Page - Monolithic Power Systems MPQ5872 Datasheet HTML 6Page - Monolithic Power Systems MPQ5872 Datasheet HTML 7Page - Monolithic Power Systems MPQ5872 Datasheet HTML 8Page - Monolithic Power Systems MPQ5872 Datasheet HTML 9Page - Monolithic Power Systems MPQ5872 Datasheet HTML 10Page - Monolithic Power Systems MPQ5872 Datasheet HTML 11Page - Monolithic Power Systems MPQ5872 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
MPQ5872
– 42V LOAD DUMP, 60mΩ 1-CHANNEL, SMART HS LOAD SWITCH, AEC-Q100
MPQ5872 Rev. 1.0
MonolithicPower.com
8
10/25/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN = 12V, unless otherwise noted.
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-50 -25
0
25
50
75 100 125 150
TEMPERATURE ( C)
Standby Current vs.
Temperature
EN = 0V, DIAG_EN = 0V
197
198
199
200
201
202
203
204
205
-50 -25
0
25
50
75 100 125 150
TEMPERATURE ( C)
Standby Current vs.
Temperature
EN = 0V, DIAG_EN = 5V
40
50
60
70
80
90
100
110
-50 -25
0
25
50
75 100 125 150
TEMPERATURE (°C)
R
DS(ON) vs. Temperature
40
50
60
70
80
90
100
110
-50 -25
0
25
50
75 100 125 150
TEMPERATURE (°C)
R
DS(ON) vs. Temperature
V
IN = 3.5V
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
-50 -25
0
25
50
75 100 125 150
TEMPERATURE (°C)
V
IN UVLO Threshold vs.
Temperature
VIN UVLO Rising
VIN UVLO Falling
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
1.30
-50 -25
0
25
50
75 100 125 150
TEMPERATURE (°C)
EN UVLO Threshold vs.
Temperature
EN UVLO Rising
EN UVLO Falling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com