Electronic Components Datasheet Search
  English  ▼

X  

WM8804 Datasheet(PDF) 43 Page - Wolfson Microelectronics plc

Part # WM8804
Description  1:1 Digital Interface Transceiver with PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8804 Datasheet(HTML) 43 Page - Wolfson Microelectronics plc

Back Button WM8804 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 47Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
Production Data
WM8804
w
PD Rev 4.1 September 2007
43
NON-AUDIO DETECTION
The SPDIF payload can contain PCM data for audio or non-audio applications. In the case where the
payload contains the 96 bit synchronization code defined in IEC61937 then this indicates that the
payload contains data which is not suitable for direct playback through an audio codec. This 96 bit
code is defined as 4*16bits of ‘0’+Pa (16bits)+Pb (16bits)..
If the S/PDIFRx interface decodes this sync code then it sets the PCM_N bit.
When the PCM_N =1, then it indicates non-audio data. When the PCM_N =0, then it indicates that
the SPDIF payload does not contain the synch code..
Another status bit, AUDIO_N status is recovered from the Channel Status block. It is bit 1 of the
channel status. When AUDIO_N =0, then it indicates that the SPDIF payload contains audio PCM
encoded data. This is also referred to as linear PCM data. When the AUDIO_N= 1, then it indicates
that the SPDIF payload does not contain audio PCM data.
NON_AUDIO data is indicated by a logical OR of the AUDIO_N and PCM_N flags.
Any change of AUDIO_N or PCM_N status will cause an INT_N interrupt (UPD_NON_AUDIO) to be
generated. If the MASK register bit for AUDIO_N or PCM_N is set, then the associated signal will not
generate an interrupt (UPD_NON_AUDIO).
GENERAL PURPOSE OUTPUT (GPO) CONFIGURATION
The WM8804 has a maximum of three configurable GPO pins depending upon the mode of
operation of the device. By default GPO0 is available, however if 2-wire Software Control Mode is
selected the CSB pin becomes GPO1 and the SDOUT pin becomes GPO2.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R23
GPO0
17h
3:0
GPO0[3:0]
0000
(INT_N)
R24
GPO1
18h
3:0
GPO1[3:0]
0111
(UNLOCK)
R26
GPO2
1Ah
7:4
GPO2[3:0]
0100
(TRANS_ERR)
Flags and status bits available on GPO pins
0000 = INT_N
0001 = V
0010 = U
0011 = C
0100 = TRANS_ERR
0101 = SFRM_CLK
0110 = 192BLK
0111 = UNLOCK
1000 = NON_AUDIO
1001 = CSUD
1010 = DEEMPH
1011 = CPY_N
1100 = ZEROFLAG
1101 = 0
↓
1111 = 0
Note 1: GPO1 and GPO2 are only available in 2-
wire software control mode.
Note 2: Refer to Table 45 for signal descriptions
Table 52 GPO Control Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com