Electronic Components Datasheet Search
  English  ▼

X  

WM8804 Datasheet(PDF) 51 Page - Wolfson Microelectronics plc

Part # WM8804
Description  1:1 Digital Interface Transceiver with PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8804 Datasheet(HTML) 51 Page - Wolfson Microelectronics plc

Back Button WM8804 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 55Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 66 page
background image
Production Data
WM8804
w
PD Rev 4.1 September 2007
51
Note 1: S/PDIF data frames contain a maximum of 24-bits of audio data.
Note 2: In 24 bit I2S mode, any data width of 24 bits or less is supported provided that LRCLK is high
for a minimum of 24 BCLK cycles and low for a minimum of 24 BCLK cycles (48 BCLK
cycles). If exactly 32 BCLK cycles occur in one LRCLK (16 high, 16 low) the chip will auto
detect and operate in 16 bit data word length mode.
Note 3: 24 bit Right Justified ‘With Flags’ Mode is not supported.
Note 4: Must be set to the same value as AIFTX_BCP.
Note 5: Must be set to the same value as AIFTX_LRP.
Note 6: MAXWL and RXWL[2:0] bits in recovered channel status data are used to truncate digital
audio interface transmitted data. The truncation replaces the lower data bits with 0. Refer to
received channel status bit description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com