Electronic Components Datasheet Search
  English  ▼

X  

WM8804 Datasheet(PDF) 60 Page - Wolfson Microelectronics plc

Part # WM8804
Description  1:1 Digital Interface Transceiver with PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8804 Datasheet(HTML) 60 Page - Wolfson Microelectronics plc

Back Button WM8804 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 64Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 66 page
background image
WM8804
Production Data
w
PD Rev 4.1 September 2007
60
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R23
GPO0
17h
3:0
GPO0[3:0]
0000
R24
GPO1
18h
3:0
GPO1[3:0]
0111
R26
GPO2
1Ah
7:4
GPO2[3:0]
0100
Flags and Status bits available on GPO pins
0000 = INT_N
0001 = V
0010 = U
0011 = C
0100 = TRANS_ERR
0101 = SFRM_CLK
0110 = 192BLK
0111 = UNLOCK
1000 = NON_AUDIO
1001 = CSUD
1010 = DEEMPH
1011 = CPY_N
1100 = ZEROFLAG
1101 = 0
↓
1111 = 0
Note: GPO1 and GPO2 is only available in 2-
wire software control mode.
1:0
AIFTX_FMT[1:0]
10
Audio Data Format Select
11: DSP mode
10: I2S mode
01: Left justified mode
00: Right justified mode
3:2
AIFTX_WL[1:0]
01
Audio Data Word Length Select
11: 24 bits
10: 24 bits
01: 20 bits
00: 16 bits
4
AIFTX_BCP
0
BCLK Invert (for master and slave modes)
0 = BCLK not inverted
1 = BCLK inverted
R27
AIFTX
1Bh
5
AIFTX_LRP
0
Right, left and I2S modes – LRCLK polarity and
DSP mode select
1 = invert LRCLK polarity / DSP Mode B
0 = normal LRCLK polarity / DSP Mode A
1:0
AIFRX_FMT[1:0]
10
Audio Data Format Select
11: DSP mode
10: I2S mode
01: Left justified mode
00: Right justified mode
3:2
AIFRX_WL[1:0]
01
Audio Data Word Length Select
11: 24 bits
10: 24 bits
01: 20 bits
00: 16 bits
R28
AIFRX
1Ch
4
AIFRX_BCP
0
BCLK Invert (for master and slave modes)
0 = BCLK not inverted
1 = BCLK inverted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com