Electronic Components Datasheet Search
  English  ▼

X  

WM8804 Datasheet(PDF) 58 Page - Wolfson Microelectronics plc

Part # WM8804
Description  1:1 Digital Interface Transceiver with PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8804 Datasheet(HTML) 58 Page - Wolfson Microelectronics plc

Back Button WM8804 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 62Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 66 page
background image
WM8804
Production Data
w
PD Rev 4.1 September 2007
58
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10h
(read-only)
5:4
CLKACU[1:0]
11
Clock Accuracy of Received Clock
00 = Level II
01 = Level I
10 = Level III
11 = Interface frame rate not matched to
sampling frequency.
0
MAXWL
1
Maximum Audio Sample Word Length
0 = 20 bits
1 = 24 bits
Note: see table in description of bits 3:1 of this
register.
Audio Sample Word Length
000: Word length not indicated
RXWL[2:0]
MAXWL==1
MAXWL==0
001
20 bits
16 bits
010
22 bits
18 bits
100
23 bits
19 bits
101
24 bits
20 bits
110
21 bits
17 bits
3:1
RXWL[2:0]
000
All other combinations are reserved and should
not be used.
R17
RXCHAN5
11h
(read-only)
7:4
ORGSAMP
[3:0]
0000
Original Sampling Frequency
Refer to S/PDIF specification (IEC 60958-3) for
full details.
0
CON/PRO
0
Use Of Channel Status Block
0 = Consumer Mode
1 = Professional Mode (not supported by
WM8804).
1
AUDIO_N
0
Linear PCM Identification
0 = S/PDIF transmitted data is audio PCM.
1 = S/PDIF transmitted data is not audio PCM.
2
CPY_N
0
Copyright Information
0 = Transmitted data has copyright asserted.
1 = Transmitted data has no copyright
assertion.
5:3
DEEMPH[2:0]
000
Additional Format Information
000 = Data from Audio interface has no pre-
emphasis.
001 = Data from Audio interface has pre-
emphasis.
All other modes are reserved and should not
be used.
R18
SPDTX1
12h
7:6
CHSTMODE
[1:0]
00
Channel Status Mode
00 = Only valid mode for consumer
applications.
R19
SPDTX2
13h
7:0
CATCODE
[7:0]
00000000
Category Code
Refer to S/PDIF specification (IEC 60958-3) for
full details.
00h indicates “general” mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com