Electronic Components Datasheet Search
  English  ▼

X  

WM8804 Datasheet(PDF) 54 Page - Wolfson Microelectronics plc

Part # WM8804
Description  1:1 Digital Interface Transceiver with PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8804 Datasheet(HTML) 54 Page - Wolfson Microelectronics plc

Back Button WM8804 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 58Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 66 page
background image
WM8804
Production Data
w
PD Rev 4.1 September 2007
54
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1:0
FREQMODE[1:0]
10
PLL Post-scale Divider Select
Selects the PLL output divider value in
conjunction with MCLKDIV and CLKOUTDIV.
Refer to Table 23 for details of FREQMODE
operation.
Note: FREQMODE[1:0] bits are
automatically set in S/PDIF Receive Mode.
2
FRACEN
1
Integer/Fractional PLL Mode Select
0 = Integer PLL (PLL_N value used, PLL_K
value ignored)
1 = Fractional PLL (both PLL_N and PLL_K
values used)
Note: FRACEN must be set to enable the
fractional PLL when using S/PDIF Receive
Mode.
R7
PLL5
07h
3
MCLKDIV
0
MCLK Divider Select
(Only valid when CLK2 is selected as MCLK
output source)
See Table 23 for MCLKDIV configuration in
PLL user mode.
See Table 28 for MCLKDIV configuration in
PLL S/PDIF receive mode.
5:4
CLKOUTDIV[1:0]
01
CLKOUT Divider Select
(Only valid when CLK1 is selected as CLKOUT
output source)
See Table 23 for CLKOUTDIV[1:0]
configuration in PLL user mode.
See Table 28 for CLKOUTDIV[1:0]
configuration in PLL S/PDIF receive mode.
3
CLKOUTSRC
1
CLKOUT Pin Source Select
0 = Select CLK1
1 = Select OSCCLK
4
CLKOUTDIS
1
CLKOUT Pin Disable
0 = Pin Disabled (Pin tri-stated)
1 = Pin Enabled
5
FILLMODE
0
Fill Mode Select
Determines S/PDIF receiver action when
corrupt or invalid data is detected:
0 = Data from S/PDIF receiver remains static
at last valid sample.
1 = Data from S/PDIF receiver is output as all
zeros.
6
ALWAYSVALID
0
Always Valid Select
Used to ignore the INVALID flag.
0 = Use INVALID flag.
1 = Ignore INVALID flag.
R8
PLL6
08h
7
MCLKSRC
0
MCLK Output Source Select
0 = Select CLK2
1 = Select OSCCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com