Electronic Components Datasheet Search
  English  ▼

X  

WM8804 Datasheet(PDF) 50 Page - Wolfson Microelectronics plc

Part # WM8804
Description  1:1 Digital Interface Transceiver with PLL
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8804 Datasheet(HTML) 50 Page - Wolfson Microelectronics plc

Back Button WM8804 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8804 Datasheet HTML 54Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 66 page
background image
WM8804
Production Data
w
PD Rev 4.1 September 2007
50
AUDIO INTERFACE CONTROL
The register bits controlling the audio interface are summarised below. Note that dynamically
changing the audio data format may cause erroneous operation, and hence is not recommended.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4
WITHFLAG
0
‘With Flags’ Mode Select
0: ‘With Flags’ Mode disabled (see Note 3)
1: ‘With Flags’ Mode enabled
R29
SPDIFRX1
1Dh
6
WL_MASK
0
S/PDIF Receiver Word Length Truncation
Mask
0 = disabled, data word is truncated as
described in Table 44 S/PDIF Receiver
Channel Status Register 5
1 = enabled, data word is not truncated.
1:0
AIFTX_FMT[1:0]
10
Audio Data Format Select
11: DSP mode
10: I2S mode
01: Left justified mode
00: Right justified mode
3:2
AIFTX_WL[1:0]
01
Audio Data Word Length
11: 24 bits (see notes 1/2/3/6)
10: 24 bits (see notes 1/2/3/6)
01: 20 bits
00: 16 bits
4
AIFTX_BCP
0
BCLK invert (for master and slave modes)
0 = BCLK not inverted
1 = BCLK inverted
R27
AIFTX
1Bh
5
AIFTX_LRP
0
Right, left and I2S modes – LRCLK polarity and
DSP mode select
1 = invert LRCLK polarity / DSP Mode B
0 = normal LRCLK polarity / DSP Mode A
1:0
AIFRX_FMT[1:0]
10
Audio Data Format Select
11: DSP mode
10: I
2S mode
01: Left justified mode
00: Right justified mode
3:2
AIFRX_WL[1:0]
01
Audio Data Word Length
11: 24 bits (see note 1/2/3/6)
10: 24 bits
01: 20 bits
00: 16 bits
4
AIFRX_BCP
0
BCLK Invert (for master and slave modes)
0 = BCLK not inverted
1 = BCLK inverted
See Note 4
R28
AIFRX
1Ch
5
AIFRX_LRP
0
Right, left and I
2S modes – LRCLK polarity and
DSP mode select
1 = invert LRCLK polarity / DSP Mode B
0 = normal LRCLK polarity / DSP Mode A
See Note 5
Table 56 Audio Interface Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com