Electronic Components Datasheet Search
  English  ▼

X  

CS4412A Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS4412A
Description  30 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4412A Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS4412A Datasheet HTML 2Page - Cirrus Logic CS4412A Datasheet HTML 3Page - Cirrus Logic CS4412A Datasheet HTML 4Page - Cirrus Logic CS4412A Datasheet HTML 5Page - Cirrus Logic CS4412A Datasheet HTML 6Page - Cirrus Logic CS4412A Datasheet HTML 7Page - Cirrus Logic CS4412A Datasheet HTML 8Page - Cirrus Logic CS4412A Datasheet HTML 9Page - Cirrus Logic CS4412A Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
DS786A1
CS4412A
PWM POWER OUTPUT CHARACTERISTICS
Test Conditions (unless otherwise specified): GND = PGND = 0 V; All voltages with respect to ground; TA =25° C;
VD = 3.3 V; VP = 18 V; RL =8 Ω for full-bridge, RL =4 Ω for half-bridge and parallel full-bridge; PWM Switch
Rate = 384 kHz; 10 Hz to 20 kHz Measurement Bandwidth; Input source is CS4525 PWM_SIG outputs; Perfor-
mance measurements taken with a full-scale 997 Hz sine wave, an AES17 measurement filter; Half-Bridge mea-
surements taken through the Half-Bridge Output Filter shown in Figure 5; Stereo Full-Bridge and Parallel Full-
Bridge measurements taken through the Full-Bridge Output Filter shown in Figure 6;.
Parameters
Symbol
Conditions
Min
Typ
Max Units
Power Output per Channel
Stereo Full-Bridge
Half-Bridge
Parallel Full-Bridge
PO
THD+N < 10%
THD+N < 1%
THD+N < 10%
THD+N < 1%
THD+N < 10%
THD+N < 1%
-
-
-
-
-
-
15
12
7
5.5
30
23.5
-
-
-
-
-
-
W
W
W
W
W
W
Total Harmonic Distortion + Noise
Stereo Full-Bridge
Half-Bridge
Parallel Full-Bridge
THD+N
PO = 1 W
PO = 0 dBFS = 11.3 W
PO = 1 W
PO = 0 dBFS = 5.0 W
PO = 1 W
PO = 0 dBFS = 22.6 W
-
-
-
-
-
-
0.05
0.10
0.12
0.28
0.1
0.3
-
-
-
-
-
-
%
%
%
%
%
%
Dynamic Range
Stereo Full-Bridge
Half-Bridge
Parallel Full-Bridge
DYR
PO = -60 dBFS, A-Weighted
PO = -60 dBFS, Unweighted
PO = -60 dBFS, A-Weighted
PO = -60 dBFS, Unweighted
PO = -60 dBFS, A-Weighted
PO = -60 dBFS, Unweighted
-
-
-
-
-
-
102
99
102
99
102
99
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
MOSFET On Resistance
RDS(ON)
Id = 0.5 A, TJ =50°C
-
280
-
m
Ω
Efficiency
h
PO = 2 x 15 W, RL = 8 Ω
-85
-
%
Minimum Output Pulse Width
PWmin
No Load
-
50
-
ns
Rise Time of OUTx
tr
Resistive Load
-
20
-
ns
Fall Time of OUTx
tf
Resistive Load
-
20
-
ns
PWM Output Over-Current Error Trigger Point
ICE
TA =25°C, OCREF = 16.2 kΩ
TA =25°C, OCREF = 18 kΩ
TA =25°C, OCREF = 22 kΩ
-
-
-
2.5
2.1
1.7
-
-
-
A
A
A
Junction Thermal Warning Trigger Point
TTW
-
105
-
°C
Junction Thermal Error Trigger Point
TTE
-
125
-
°C
VP Under-Voltage Error Falling Trigger Point
VUVFALL
TA =25°C-
4.7
4.9
V
VP Under-Voltage Error Rising Trigger Point
VUVRISE
TA =25°C
-
4.95
5.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com