Electronic Components Datasheet Search
  English  ▼

X  

CS4412A Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS4412A
Description  30 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4412A Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS4412A Datasheet HTML 11Page - Cirrus Logic CS4412A Datasheet HTML 12Page - Cirrus Logic CS4412A Datasheet HTML 13Page - Cirrus Logic CS4412A Datasheet HTML 14Page - Cirrus Logic CS4412A Datasheet HTML 15Page - Cirrus Logic CS4412A Datasheet HTML 16Page - Cirrus Logic CS4412A Datasheet HTML 17Page - Cirrus Logic CS4412A Datasheet HTML 18Page - Cirrus Logic CS4412A Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
DS786A1
15
CS4412A
4.3
Output Mode Configuration
Each OUTx pin will switch in association with the corresponding INx pin. For most configurations, OUTx will
be non-inverted from INx; however, some INx pins can be configured for internal inversion to allow one
PWM input to drive both the positive and negative sides of a full-bridge output. Unused OUTx pins must
have their corresponding INx pin tied to ground.
Table 3 shows the setting of the CNFG[2:0] inputs and the corresponding mode of operation. These pins
should remain static during operation (RST12 or RST34 set high).
In Stereo Half-Bridge & Mono Full-Bridge configurations, the PWM Popguard Transient Control will only af-
fect the two half-bridge outputs, OUT1 and OUT2. The full-bridge output will not ramp regardless of the state
of the RAMP pin. See Section 4.2.1 on page 13 for more details about PWM Popguard Transient Control.
CNFG2 CNFG1 CNFG0
Description
Necessary Input Connections
00
0
Stereo Full-Bridge
Tied Loads
IN1 must provide the PWM data for the first full-bridge.
IN2 must be inverted from IN1 for full-bridge operation.
IN3 must provide the PWM data for the second full-bridge.
IN4 must be inverted from IN3 for full-bridge operation.
00
1
Stereo Half-Bridge
& Mono Full-Bridge
Tied Loads*
IN1 must provide the PWM data for the first half-bridge.
IN2 must provide the PWM data for the second half-bridge.
IN3 must provide the PWM data for the mono full-bridge.
IN4 must be inverted from IN3 for full-bridge operation.
01
0
Mono Parallel Full-
Bridge Tied Load
IN1 must provide the PWM data for the mono full-bridge.
IN2 must be wired directly to IN1 for parallel full-bridge operation.
IN3 must be inverted from IN1 for parallel full-bridge operation.
IN4 must be wired to IN3 for parallel full-bridge operation.
01
1
Quad Half-Bridge
Tied Loads
IN1 must provide the PWM data for the first half-bridge.
IN2 must provide the PWM data for the second half-bridge.
IN3 must provide the PWM data for the third half-bridge.
IN4 must provide the PWM data for the fourth half-bridge.
10
0
Stereo Full-Bridge
Tied Loads
With Inversion
IN1 must provide the PWM data for the first full-bridge.
IN2 must be wired to IN1; the CS4412A will internally invert IN2.
IN3 must provide the PWM data for the second full-bridge.
IN4 must be wired to IN3; the CS4412A will internally invert IN4.
10
1
Stereo Half-Bridge
& Mono Full-Bridge
Tied Loads
With Inversion*
IN1 must provide the PWM data for the first half-bridge.
IN2 must provide the PWM data for the second half-bridge.
IN3 must provide the PWM data for the mono full-bridge.
IN4 must be wired to IN3; the CS4412A will internally invert IN4.
11
0
Mono Parallel Full-
Bridge Tied Load
With Inversion
IN1 must be provided for half-bridge operation.
IN2 must be wired to IN1 for parallel full-bridge operation.
IN3 must be wired to IN1; the CS4412A will internally invert IN3.
IN4 must be wired to IN1; the CS4412A will internally invert IN4.
1
1
1
Reserved
The input connections are not applicable.
* PWM Popguard Transient Control only affects OUT1 and OUT2.
Table 3. Output Mode Configuration Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com