Electronic Components Datasheet Search
  English  ▼

X  

CS4412A Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS4412A
Description  30 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4412A Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS4412A Datasheet HTML 5Page - Cirrus Logic CS4412A Datasheet HTML 6Page - Cirrus Logic CS4412A Datasheet HTML 7Page - Cirrus Logic CS4412A Datasheet HTML 8Page - Cirrus Logic CS4412A Datasheet HTML 9Page - Cirrus Logic CS4412A Datasheet HTML 10Page - Cirrus Logic CS4412A Datasheet HTML 11Page - Cirrus Logic CS4412A Datasheet HTML 12Page - Cirrus Logic CS4412A Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
DS786A1
9
CS4412A
3. TYPICAL CONNECTION DIAGRAMS
31
30
25
36
12
0.1 µF
10 µF
+3.3 V or +5.0 V
IN1
4
7
IN4
IN2
5
IN3
6
24
RAMP_CAP
Ch1_PWM
Ch2_PWM
OUT1 35
OUT2 32
OUT3 29
OUT4 26
RAMP
45
CNFG2
3
CNFG1
2
CNFG0
1
LVD
9
System
Control
Logic
43
ERROC12
ERROC34
44
ERRUVTE
42
TWR
41
RST12
8
46
RST34
VD
470 µF
0.1 µF
0.1 µF
0.1 µF
0.1 µF
470 µF
+8 V to +18 V
22
28
34
37
38
39
40
33
GND 13
GND 16
GND 17
GND 14
GND 15
VD_REG
11
0.1 µF
10 µF
OCREF
21
16.2 k
GND 18
GND 19
GND 47
GND 48
27
23
GND 20
Thermal Pad
GND 10
VD
*
Full-Bridge
Output Filter
Channel 2
Audio
Output
Full-Bridge
Output Filter
Channel 1
Audio
Output
* Since ramping is disabled for full-
bridge applications, this capacitor
can be omitted and RAMP_CAP can
be connected directly to VP.
Ω
Connect LVD to :
VD if VD = 5 V
GND if VD = 3.3 V
Figure 1. Stereo Full-Bridge Typical Connection Diagram
CS4412A
See Section 5.1.1
for details.
See Section 4.2.1 for details.
See Figure 6.
See Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com