Electronic Components Datasheet Search
  English  ▼

X  

CS4412A Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS4412A
Description  30 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4412A Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS4412A Datasheet HTML 4Page - Cirrus Logic CS4412A Datasheet HTML 5Page - Cirrus Logic CS4412A Datasheet HTML 6Page - Cirrus Logic CS4412A Datasheet HTML 7Page - Cirrus Logic CS4412A Datasheet HTML 8Page - Cirrus Logic CS4412A Datasheet HTML 9Page - Cirrus Logic CS4412A Datasheet HTML 10Page - Cirrus Logic CS4412A Datasheet HTML 11Page - Cirrus Logic CS4412A Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
DS786A1
CS4412A
DIGITAL I/O PIN CHARACTERISTICS
The logic level for each input is set by its corresponding power supply and should not exceed the maximum ratings.
Power
Supply
Pin
Number
Pin Name
I/O
Driver
Receiver
VD
1
CNFG0
Input
-
2.5 V - 5.0 V
2
CNFG1
Input
-
2.5 V - 5.0 V
3
CNFG2
Input
-
2.5 V - 5.0 V
4
IN1
Input
-
2.5 V - 5.0 V
5
IN2
Input
-
2.5 V - 5.0 V
6
IN3
Input
-
2.5 V - 5.0 V
7
IN4
Input
-
2.5 V - 5.0 V
8RST12
Input
-
2.5 V - 5.0 V
9
LVD
Input
-
2.5 V - 5.0 V
41
TWR
Output
2.5 V - 5.0 V, Open Drain
-
42
ERRUVTE
Output
2.5 V - 5.0 V, Open Drain
-
43
ERROC12
Output
2.5 V - 5.0 V, Open Drain
-
44
ERROC34
Output
2.5 V - 5.0 V, Open Drain
-
45
RAMP
Input
-
2.5 V - 5.0 V
46
RST34
Input
-
2.5 V - 5.0 V
VP
35
OUT1
Output
8 V - 18 V Power MOSFET
-
32
OUT2
Output
8 V - 18 V Power MOSFET
-
29
OUT3
Output
8 V - 18 V Power MOSFET
-
26
OUT4
Output
8 V - 18 V Power MOSFET
-
Table 1. I/O Power Rails



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com