Electronic Components Datasheet Search
  English  ▼

X  

CS4412A Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS4412A
Description  30 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4412A Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS4412A Datasheet HTML 15Page - Cirrus Logic CS4412A Datasheet HTML 16Page - Cirrus Logic CS4412A Datasheet HTML 17Page - Cirrus Logic CS4412A Datasheet HTML 18Page - Cirrus Logic CS4412A Datasheet HTML 19Page - Cirrus Logic CS4412A Datasheet HTML 20Page - Cirrus Logic CS4412A Datasheet HTML 21Page - Cirrus Logic CS4412A Datasheet HTML 22Page - Cirrus Logic CS4412A Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
DS786A1
19
CS4412A
4.5
Device Protection and Error Reporting
The CS4412A has built-in protection circuitry for over-current, under-voltage, and thermal warning/over-
load conditions. The levels of the over-current error, thermal error, and VP under-voltage trigger points
are listed in the PWM Power Output Characteristics table on page 6. Automatic shut-down will occur
whenever any of these preset thresholds other than thermal warning are crossed.
Each error and warning pin implements an active-low open-drain driver and requires an external 22 k
Ω
pull-up resistor for proper operation.
4.5.1
Over-Current Protection
An over-current error condition will occur if the peak output current exceeds the Over-Current Error trigger
point. Over-current errors for OUT1/2 and OUT3/4 are reported on the ERROC12 and ERROC34 pins
respectively. The power output of the channel which is reporting the over-current condition will be set to
high-impedance until the error condition has been removed and the reset signal for that channel has been
toggled from low to high.
4.5.2
Thermal Warning, Thermal Error, and Under-Voltage Error
Table 8 shows the behavior of the TWR and ERRUVTE pins. When the junction temperature exceeds the
junction thermal warning trigger point, the TWR pin will be set low. If the junction temperature continues
to increase beyond the junction thermal error trigger point, the ERRUVTE pin will be set low. If the voltage
on VP falls below the VP under-voltage error trigger point, ERRUVTE will be set low.
When the thermal error or VP under-voltage trigger point is crossed, all power outputs will be set in a high-
impedance state until the error condition has been removed and both the RST12 and RST34 signals have
been toggled from low to high.
ERROCxy
Reported Condition
0
Over-current error on channel x or channel y.
1
Operating current of channel x and y within allowable limits.
Table 7. Over-current Error Conditions
TWR
ERRUVTE
Reported Condition
0
0
Thermal warning and thermal error and/or under-voltage error.
0
1
Thermal warning only.
1
0
Under-voltage error.
1
1
Junction temperature and VP voltage within normal limits.
Table 8. Thermal and Under-Voltage Error Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com