Electronic Components Datasheet Search
  English  ▼

X  

CS4412A Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS4412A
Description  30 W Quad Half-Bridge Digital Amplifier Power Stage
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4412A Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS4412A Datasheet HTML 14Page - Cirrus Logic CS4412A Datasheet HTML 15Page - Cirrus Logic CS4412A Datasheet HTML 16Page - Cirrus Logic CS4412A Datasheet HTML 17Page - Cirrus Logic CS4412A Datasheet HTML 18Page - Cirrus Logic CS4412A Datasheet HTML 19Page - Cirrus Logic CS4412A Datasheet HTML 20Page - Cirrus Logic CS4412A Datasheet HTML 21Page - Cirrus Logic CS4412A Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
DS786A1
CS4412A
4.4.2
Full-Bridge Output Filter (Stereo or Parallel)
Figure 6 shows the output filter for a full-bridge configuration. The transient-voltage suppression circuit
(snubber circuit) is comprised of a resistor (20
Ω) and capacitor (330 pF) and should be placed as close
as possible to the corresponding PWM output pins to greatly reduce radiated EMI. The inductors, L1 and
L2, and capacitor, C1, comprise the low-pass filter. Along with the nominal load impedance of the speaker,
these values set the cutoff frequency of the filter. Table 6 shows the component values based on nominal
speaker (load) impedance for a corner frequency (-3 dB point) of approximately 35 kHz.
Each output pin must be connected to two Schottky diodes—one to ground and one to the VP supply.
These diodes should be placed within 12 mm of the corresponding OUTx pin. The requirements of this
diode are:
1. Rated IF (average rectifier forward current) is greater than or equal to 1.0 A.
2. Support up to 80° C of lead temperature with VF drop (forward voltage) less than or equal to 480 mV
at the corresponding IF.
3. VR (reverse voltage) is greater than or equal to 20 V.
Load
L1, L2
C1
4
Ω
10 µH
1.0 µF
6
Ω
15 µH
0.47 µF
8
Ω
22 µH
0.47 µF
Table 6. Low-Pass Filter Components - Full-Bridge
OUTX+
OUTX-
330 pF
20
Ω
C1
L1
L2
*Diode is Rohm
RB160M-30 or
equivalent
VP
VP
Figure 6. Output Filter - Full-Bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com