Electronic Components Datasheet Search
  English  ▼

X  

AD52070 Datasheet(PDF) 9 Page - Elite Semiconductor Memory Technology Inc.

Part # AD52070
Description  2x30W Stereo / 1x60W Mono Class-D Audio Amplifier With Low Idle Current and AGC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD52070 Datasheet(HTML) 9 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD52070 Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
ESMT
AD52070
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2021
Revision: 1.1
9/33
Application Circuit Example for Mono Mode
AD 52070
G N D
P V C C
P V C C
P V C C
220 uF
0 .1 uF
G V D D
1 uF
P L IM IT
R P L 1
R P L 2
1 uF
R IN P
R IN N
1 uF
1 K
L IN P
L IN N
1 uF
10 uH
2 .2 uF
2 .2 uF
O U T P L
BSPL
220 nF
O U T N L
B S N L
220 nF
10 uH
L -ch
In p u t
220 uF
0 .1 uF
1 uF
P V C C
0 .1 uF
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com