Electronic Components Datasheet Search
  English  ▼

X  

AD52070 Datasheet(PDF) 19 Page - Elite Semiconductor Memory Technology Inc.

Part # AD52070
Description  2x30W Stereo / 1x60W Mono Class-D Audio Amplifier With Low Idle Current and AGC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD52070 Datasheet(HTML) 19 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD52070 Datasheet HTML 15Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 16Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 17Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 18Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 19Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 20Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 21Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 22Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 23Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
ESMT
AD52070
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2021
Revision: 1.1
19/33
Operation Descriptions
 Gain settings
The gain of the AD52070 is set by the voltage divider connected to the GAIN/SLV
control pin. Master or Slave mode is also controlled by the same pin. An internal ADC is
used to detect the 8 input states. The first four stages sets the GAIN in master mode in
gains of 20, 26, 32, 36 dB respectively, while the next four stages sets the GAIN in slave
mode in gains of 20, 26, 32, 36 dB respectively. The gain setting is latched during
power-up and cannot be changed while device is powered. Table 1 lists the
recommended resistor values and the state and gain. However, there is 20% variation in
input resistance from production variation.
In Master mode, SYNC terminal is an output, in Slave mode, SYNC terminal is an input
for a clock input. TTL logic levels with compliance to GVDD.
G A IN /S LV
G N D
G V D D
R 2
R 1
Table 1. Volume gain, master/slave and input impedance
Mode
Gain(dB) R1(to GND, k
) R2(to GVDD, k) Input Resistance, R
in (k)
Master
20
5.6
open
60
26
20
100
30
32
39
100
15
36
47
75
9
Slave
20
51
51
60
26
75
47
30
32
100
39
15
36
100
16
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com