Electronic Components Datasheet Search
  English  ▼

X  

AD52070 Datasheet(PDF) 3 Page - Elite Semiconductor Memory Technology Inc.

Part # AD52070
Description  2x30W Stereo / 1x60W Mono Class-D Audio Amplifier With Low Idle Current and AGC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD52070 Datasheet(HTML) 3 Page - Elite Semiconductor Memory Technology Inc.

  AD52070 Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
ESMT
AD52070
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2021
Revision: 1.1
3/33
Pin Assignments
G V D D
P L IM IT
L IM R A T E
G A IN /S L V
R IN N
P V C C
G N D
O U T P R
B S N R
O U T N R
BSPR
1
2
3
4
5
6
7
28
27
26
25
24
23
22
8
9
10
11
12
13
14
21
20
19
18
17
16
15
A V C C
L IN N
G N D
L IN P
AM 0
P V C C
G N D
BSPL
O U T P L
B S N L
AM 1
O U T N L
E -T S S O P - 28 L
S D Z
R IN P
( T O P V IE W )
S Y N C
P V C C
P V C C
Pin Description
NAME
E-TSSOP
-28L
TYP
DESCRIPTION
SDZ
1
DI
Shutdown signal for IC (low = disabled, high = operational). Voltage compliance to
AVCC. Chip is with internal pull low, 250kohm@normal state, <250ohm@ fault state.
RINP
2
AI
Positive audio input for right channel. Connect to GND for MONO mode.
RINN
3
AI
Negative audio input for right channel. Connect to GND for MONO mode.
PLIMIT
4
AI
Voltage level for AGC or power limiter. Connect a resistor divider from GVDD to GND
to set AGC or power limit level. Give VPLIMIT ≦ 2.1V to set AGC or power limit level.
Connect to GND to disable AGC or power limit function, and chip will into mute
function when connect to GVDD ( ≧ 2.4V).
GVDD
5
P
5V regulated output, with a 1uF X7R (or X5R) ceramic decoupling capacitor is
necessary. Not to be used as a supply or connected to any components other than
the PLIMIT and GAIN/SLV resistor dividers.
GAIN/SLV
6
AI
Selects gain depending on pin voltage divider.
LIMRATE
7
AI
Decay speed for clip free for AGC or power limiter. Connect a resistor divider from
GVDD to GND to set decay speed. Connect directly to GND to enable power limit
function.
GND
8
P
Power ground. Connect to the thermal pad.
LINP
9
AI
Positive audio input for left channel. Connect to GND for PBTL mode.
LINN
10
AI
Negative audio input for left channel. Connect to GND for PBTL mode.
AM1
11
DI
AM avoidance frequency selection 1. Chip is with internal pull low, 250kohm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com