Electronic Components Datasheet Search
  English  ▼

X  

AD52070 Datasheet(PDF) 2 Page - Elite Semiconductor Memory Technology Inc.

Part # AD52070
Description  2x30W Stereo / 1x60W Mono Class-D Audio Amplifier With Low Idle Current and AGC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD52070 Datasheet(HTML) 2 Page - Elite Semiconductor Memory Technology Inc.

  AD52070 Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
ESMT
AD52070
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2021
Revision: 1.1
2/33
Simplified Application Circuit
L IN N
R IN N
S D Z
AD 52070
O U T P L
O U T N L
P V C C
G A IN /S L V
L IM R A T E
4 .5 V to 26 V
P L IM IT
L IN P
1 uF
R IN P
L C F ilte r
O U T P R
O U T N R
G N D
1 uF
1 uF
1 uF
A V C C
BSPL
B S N L
BSPR
B S N R
0 .22 uF
L C F ilte r
0 .22 uF
0 .22 uF
0 .22 uF
S Y N C
G N D
G V D D
1 uF
AM 0
AM 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com