Electronic Components Datasheet Search
  English  ▼

X  

AD52070 Datasheet(PDF) 22 Page - Elite Semiconductor Memory Technology Inc.

Part # AD52070
Description  2x30W Stereo / 1x60W Mono Class-D Audio Amplifier With Low Idle Current and AGC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD52070 Datasheet(HTML) 22 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD52070 Datasheet HTML 18Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 19Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 20Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 21Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 22Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 23Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 24Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 25Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 26Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
ESMT
AD52070
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2021
Revision: 1.1
22/33
 AGC & Power limit level
The AGC and PLIMIT voltage threshold is set by a voltage at PLIMIT pin. The PLIMIT
voltage is set by a voltage divider from GVDD and GND, the limiting is set a limit on the
output peak-to-peak voltage. The PLIMIT voltage can be used to calculate the maximum
output power for unclipped in AGC mode and clipped in PLIMIT mode. PLIMIT pin is
adjustable from 1.33V~2.1V.
For unclipped power,
Where:
PLIMIT: Adjustable AGC voltage at PLIMIT pin
PVCC: Chip operating voltage
RL: Load resistance
90m
: RDS-on value in AD52070
Pout: Maximum unclipped output power in AGC
Power limit level (Po @1% THD+N): 1.1x Pout (unclipped)
Connect PLIMIT pin to ground to disable AGC/PLIMIT mode. The output variation during
AGC/PLIMIT mode may have +-20% variation due to process window.
Table 3.1 AGC or PLIMIT Typical OperationⅠ
Test Conditions
Output PO (W)
VPLIMIT (V) @ AGC
mode
VPLIMIT (V) @ PLIMIT
mode (PO @1%)
PVCC=24V
RL=8ohm
5
1.98
1.96
8
1.85
1.82
10
1.77
1.74
12
1.70
1.66
15
1.61
1.56
20
1.47
1.42
L
L
L
LIMIT
R
m
R
R
PVCC
V
P
V
Pout
2
90
734
.
2
5
.
2
2





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com