Electronic Components Datasheet Search
  English  ▼

X  

AD52070 Datasheet(PDF) 5 Page - Elite Semiconductor Memory Technology Inc.

Part # AD52070
Description  2x30W Stereo / 1x60W Mono Class-D Audio Amplifier With Low Idle Current and AGC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD52070 Datasheet(HTML) 5 Page - Elite Semiconductor Memory Technology Inc.

  AD52070 Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
ESMT
AD52070
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2021
Revision: 1.1
5/33
Ordering Information
Product ID
Package
Packing
Comments
AD52070-QG28NRR
E-TSSOP 28L
2500 Units / Reel
1 Reels / Small Box
Green
Available Package
Package Type
Device No.
θ
JA(℃/W)
θ
JT(℃/W)
Ψ
JT(℃/W)
Exposed Thermal Pad
E-TSSOP 28L
AD52070
28
27.1
1.33
Yes (Note 1)
Note 1.1:
The thermal pad is located at the bottom of the package. To optimize thermal
performance, soldering the thermal pad to the PCB
’s ground plane is necessary.
Note 1.2:
θ
JA is simulated on a room temperature (TA=25℃), natural convection environment test
board, which is constructed with a thermally efficient, 4-layers PCB (2S2P). The
measurement is simulated using the JEDEC51-5 thermal measurement standard.
Note 1.3:
θ
JT represents the thermal resistance for the heat flow between the chip junction and the
package
’s top surface. It’s extracted from the simulation data with obtaining a cold
plate on the package top.
Note 1.4:
Ψ
JT represents the thermal parameter for the heat flow between the chip junction
and the package
’s top surface center. It’s extracted from the simulation data for
obtaining
θ
JA, using a procedure described in JESD51-5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com