Electronic Components Datasheet Search
  English  ▼

X  

AD82178 Datasheet(PDF) 2 Page - Elite Semiconductor Memory Technology Inc.

Part # AD82178
Description  2x31W Stereo / 1x62W Mono Digital Audio Amplifier With 40 bands EQ and DRC Functions
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD82178 Datasheet(HTML) 2 Page - Elite Semiconductor Memory Technology Inc.

  AD82178 Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 90 page
background image
ESMT
AD82178
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Jul. 2024
Revision: 1.3
2/90
Pin Assignment
SDATA
BCLK
SCL
SDA
LRCIN
VDDL
VDDR
GNDL
LA
LB
1
2
3
4
5
6
7
24
23
22
21
20
19
18
8
9
10
11
12
17
16
15
14
13
DGND
SDATAO
DVDD
GVDD
GNDR
RA
VREG
RB
E-TSSOP-24L
PD
AD82178
BST_LA
BST_LB
BST_RA
BST_RB
ERROR
Pin Description (E-TSSOP 24L)
PIN
NAME
TYPE
DESCRIPTION
CHARACTERISTICS
1
ERROR
I/O
ERROR
pin is a dual function pin. One is
I
2C address setting during power up. The
other one is error status report (low active),
It sets by register of A_SEL_FAULT at
address 0x1C B[6] to enable it.
This pin is monitored on the rising
edge of reset. It will determine the
slave address of AD82178 and
define in the device addressing part.
2
PD
I
Power down, low active.
Schmitt trigger TTL input buffer,
internal pull High with a 330Kohm
resistor.
3
LRCIN
I
Left/Right clock input (Fs).
Schmitt trigger TTL input buffer,
internal pull Low with a 100Kohm
resistor.
4
BCLK
I
Bit clock input (64Fs).
Schmitt trigger TTL input buffer,
internal pull Low with a 100Kohm
resistor.
5
SDATA
I
Serial audio data input.
Schmitt trigger TTL input buffer
6
SDA
I/O
I
2C bi-directional serial data.
Schmitt trigger TTL input buffer
7
SCL
I
I
2C serial clock input.
Schmitt trigger TTL input buffer
8
SDATAO
O
Serial audio data output.
Schmitt trigger TTL input buffer
9
DVDD
P
Digital Power.
10
DGND
P
Digital Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com