Electronic Components Datasheet Search
  English  ▼

X  

AD82178 Datasheet(PDF) 73 Page - Elite Semiconductor Memory Technology Inc.

Part # AD82178
Description  2x31W Stereo / 1x62W Mono Digital Audio Amplifier With 40 bands EQ and DRC Functions
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD82178 Datasheet(HTML) 73 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD82178 Datasheet HTML 69Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 70Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 71Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 72Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 73Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 74Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 75Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 76Page - Elite Semiconductor Memory Technology Inc. AD82178 Datasheet HTML 77Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 90 page
background image
ESMT
AD82178
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Jul. 2024
Revision: 1.3
73/90
Write a single coefficient from RAM:
1.
Write 7-bis of address to I
2C address-0X1D
2.
Write first byte of coefficient in I
2C address-0X1E
3.
Write second byte of coefficient in I
2C address-0X1F
4.
Write third byte of coefficient in I
2C address-0X20
5.
Write fourth byte of coefficient in I
2C address-0X21
6.
Write 1 to W1 bit and write 1/0 to RBS in address-0X32
Write a set of coefficients from RAM:
1.
Write 7-bits of address to I
2C address-0X1D
2.
Write first byte of coefficient A1 in I
2C address-0X1E
3.
Write second byte of coefficient A1 in I
2C address-0X1F
4.
Write third byte of coefficient A1 in I
2C address-0X20
5.
Write fourth byte of coefficient A1 in I
2C address-0X21
6.
Write first byte of coefficient A2 in I
2C address-0X22
7.
Write second byte of coefficient A2 in I
2C address-0X23
8.
Write third byte of coefficient A2 in I
2C address-0X24
9.
Write fourth byte of coefficient A2 in I
2C address-0X25
10. Write first byte of coefficient B1 in I
2C address-0X26
11. Write second byte of coefficient B1 in I
2C address-0X27
12. Write third byte of coefficient B1 in I
2C address-0X28
13. Write fourth byte of coefficient B1 in I
2C address-0X29
14. Write first byte of coefficient B2 in I
2C address-0X2A
15. Write second byte of coefficient B2 in I
2C address-0X2B
16. Write third byte of coefficient B2 in I
2C address-0X2C
17. Write fourth byte of coefficient B2 in I
2C address-0X2D
18. Write first byte of coefficient A0 in I
2C address-0X2E
19. Write second byte of coefficient A0 in I
2C address-0X2F
20. Write third byte of coefficient A0 in I
2C address-0X30
21. Write fourth byte of coefficient A0 in I
2C address-0X31
22. Write 1 to WA bit and write 1/0 to RBS in address-0X32
Note that: the read and write operation on RAM coefficients works only if LRCIN switching on rising edge.
And, before each writing operation, it is necessary to read the address-0X32 to confirm whether RAM is
writable current in first. If the logic of W1 or WA is high, the coefficient writing is prohibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com